Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE6389 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE6389
Description  Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE6389_07 Datasheet HTML 1Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 2Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 3Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 4Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 5Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 6Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 7Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 8Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
TLE 6389
Datasheet Rev. 2.1
5
2007-08-13
10
RO
Reset output.
Open drain output from undervoltage reset comparator at the adjustable
version (TLE6389-2 GV),
Pull down structure with an internal 20k
Ω pull up resistor to VOUT at the
5V version (TLE6389-2 GV50 and TLE6389-3 GV50).
11
BDS
Buck driver supply input.
Connect a ceramic capacitor between BDS and VS to generate clamped
gate-source voltage to supply the driver of the PMOS power stage.
12
GDRV
Gate drive output.
Connect to the gate of the external P-Channel MOSFET. The voltage at
GDRV swings between the levels of VS and BDS.
13
VS
Device supply input.
Connect a 220nF ceramic cap close to the pin in addition to the low ESR
tantalum input capacitance.
14
CS
Current-sense input.
Connect current-sense resistor between VS and CS. The voltage drop
over the sense-resistor determines the peak current flowing in the buck
circuit. The external MOSFET is turned off when the peak current is
exceeded.
Pin No
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com