Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE6389 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6389
Description  Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6389 Datasheet HTML 3Page - Infineon Technologies AG TLE6389 Datasheet HTML 4Page - Infineon Technologies AG TLE6389 Datasheet HTML 5Page - Infineon Technologies AG TLE6389 Datasheet HTML 6Page - Infineon Technologies AG TLE6389 Datasheet HTML 7Page - Infineon Technologies AG TLE6389 Datasheet HTML 8Page - Infineon Technologies AG TLE6389 Datasheet HTML 9Page - Infineon Technologies AG TLE6389 Datasheet HTML 10Page - Infineon Technologies AG TLE6389 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TLE 6389
Datasheet Rev. 2.1
7
2007-08-13
Sense comparator input SI
2.17
Voltage
VSI
– 0.3
61
V
2.18
Current
I
SI
–
–
–
Sense comparator output SO
2.19
Voltage
VSO
– 0.3
6.8
V
2.20
Current
I
SO
–
–
–
limited internally
Buck output voltage input VOUT
2.21
Voltage
VVOUT
– 0.3
15
V
TLE6389-2 GV
2.22
Voltage
VVOUT
– 0.3
6.8
V
TLE6389-2 GV50,
TLE6389-3 GV50
2.23
Current
I
VOUT
–
–
mA
Compensation input COMP
2.24
Voltage
VCOMP
– 0.3
6.8
V
2.25
Current
I
COMP
–
–
mA
Reset output RO
2.26
Voltage
VRO
– 0.3
6.8
V
2.27
Current
I
RO
–
–
mA
limited internally
Frequency synchronization input SYNC
2.28
Voltage
VSYNC
– 0.3
6.8
V
2.29
Current
I
SYNC
–
–
mA
ESD-Protection
2.30
Electrostatic discharge
voltage
VESD
–1.5
1.5
kV
HBM1),
pin VOUT
2.31
VESD
-2
2
kV
HBM1), all pins
except VOUT
2.32
VESDCDM –500
500
V
CDM2)
2
Absolute Maximum Ratings (cont’d)
Item
Parameter
Symbol Limit Values Unit
Remarks
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com