Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IP1206PBF Datasheet(PDF) 15 Page - International Rectifier

Part # IP1206PBF
Description  Synchronous Buck Multiphase Optimized LGA Power Block
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1206PBF Datasheet(HTML) 15 Page - International Rectifier

Back Button IP1206PBF Datasheet HTML 11Page - International Rectifier IP1206PBF Datasheet HTML 12Page - International Rectifier IP1206PBF Datasheet HTML 13Page - International Rectifier IP1206PBF Datasheet HTML 14Page - International Rectifier IP1206PBF Datasheet HTML 15Page - International Rectifier IP1206PBF Datasheet HTML 16Page - International Rectifier IP1206PBF Datasheet HTML 17Page - International Rectifier IP1206PBF Datasheet HTML 18Page - International Rectifier IP1206PBF Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
2/26/2008
www.irf.com
15
iP1206PbF
Fault Protection
The iP1206 monitors the output voltage for over voltage protection and power good indication. It senses
the R
ds(on) of low side MOSFET for over current protection. It also protects the output for prebias
conditions. Fig. 15 below shows the IC’s operating waveforms under different fault conditions.
t0 –t1: Vcc, VCH and Enable signals passed their respective UVLO threshold. Soft start sequence starts.
t1 –t2: Power Good signal flags high.
t1 –t3: Output voltage ramps up and reaches the set voltage.
t4 –t5: OC event, SS ramps down. IC in Hiccup mode.
t5–t6: OC is removed, recovery sequence, fresh SS.
t6 –t7: Output voltage reaches the set voltage.
t8: OVP event. HDrv turns off and LDrv Turns on. The IC latches off.
t9 –t10: Manually recycled the Vcc after latched OVP.
t
11: PreBias start up.
Fig. 15: Fault Conditions
SS
PGood
t1 t2 t3
Vo
1.0V
1.8V
90%Vfb
Set Voltage
OCP Threshold
Iout
3V
POR
t0
t4
t5
t6
t7
t8
t9
t10
Pre_Bias Voltage
t11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com