Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IR3500AMTRPBF Datasheet(PDF) 29 Page - International Rectifier

Part # IR3500AMTRPBF
Description  XPHASE3TM VR11.0 & AMD PVID CONTROL IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3500AMTRPBF Datasheet(HTML) 29 Page - International Rectifier

Back Button IR3500AMTRPBF Datasheet HTML 25Page - International Rectifier IR3500AMTRPBF Datasheet HTML 26Page - International Rectifier IR3500AMTRPBF Datasheet HTML 27Page - International Rectifier IR3500AMTRPBF Datasheet HTML 28Page - International Rectifier IR3500AMTRPBF Datasheet HTML 29Page - International Rectifier IR3500AMTRPBF Datasheet HTML 30Page - International Rectifier IR3500AMTRPBF Datasheet HTML 31Page - International Rectifier IR3500AMTRPBF Datasheet HTML 32Page - International Rectifier IR3500AMTRPBF Datasheet HTML 33Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
IR3500A
Page 29 of 48
July 28, 2009
APPLICATIONS INFORMATION
RCP
ISHARE
1
SW
12
GATEH
11
BOOST
10
DACIN
2
PHSIN
4
VCCL
9
LGND
3
IR3505
PHASE
IC
U20
VID7
1
VID6
2
VID5
3
VID4
4
VID3
5
VID2
6
VID1
7
VID0
8
VDAC
21
VSETPT
19
OCSET
20
LGND
24
VDRP
17
SS/DEL
22
ROSC / OVP
23
IIN
18
IR3500
CONTROL
IC
CCS2
RDRP1
U11
CVCC2
RTHERM1
ISHARE
1
SW
12
GATEH
11
BOOST
10
DACIN
2
PHSIN
4
VCCL
9
LGND
3
IR3505
PHASE
IC
U30
RVCCLFB1
ROSC
CBST3
U32
CSS/DEL
CBST2
ROCSET
ISHARE
1
SW
12
GATEH
11
BOOST
10
DACIN
2
PHSIN
4
VCCL
9
LGND
3
IR3505
PHASE
IC
U10
U31
CIN2
U12
RFB1
CIN1
U21
ROVP2
RHOTSET1
CCP
4.7uF
CVCCL
CVCC1
RVCCLDRV
RCS1
CDRP
U22
CCS3
SCR
RCS3
RFB2
L2
RVSETPT
CCS1
CIN3
RHOTSET2
RTHERM2
Q2
CVCCL1
FUSE
CFB
CCP1
RVCCLFB2
CVDAC
CBST1
Q3
Q1
RFB
L1
CVCC3
L3
RDRP
ROVP1
RCS2
CVCCL3
CVCCL2
RVDAC
VOUT SENSE-
VOUT SENSE+
VOUT+
VID7
VR READY
VOUT-
VRHOT
12V
VID3
VID2
VID6
VID1
VID4
VID5
VIDSEL
ENABLE
VID0
CLOSE TO
POWER
STAGE
DISTRIBUTION
IMPEDANCE
COUT
Figure 20 - IR3500A / IR3505 Three Phase AMD Opteron Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com