Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IR21141SSPBF Datasheet(PDF) 21 Page - International Rectifier

Part # IR21141SSPBF
Description  HALF-BRIDGE GATE DRIVER IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21141SSPBF Datasheet(HTML) 21 Page - International Rectifier

Back Button IR21141SSPBF Datasheet HTML 17Page - International Rectifier IR21141SSPBF Datasheet HTML 18Page - International Rectifier IR21141SSPBF Datasheet HTML 19Page - International Rectifier IR21141SSPBF Datasheet HTML 20Page - International Rectifier IR21141SSPBF Datasheet HTML 21Page - International Rectifier IR21141SSPBF Datasheet HTML 22Page - International Rectifier IR21141SSPBF Datasheet HTML 23Page - International Rectifier IR21141SSPBF Datasheet HTML 24Page - International Rectifier IR21141SSPBF Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
IR21141/IR22141SSPbF
www.irf.com
© 2009 International Rectifier
21
3 PCB Layout Tips
3.1 Distance from High to Low Voltage
The IR2x14x pinout maximizes the distance between
floating (from DC- to DC+) and low voltage pins. It’s
strongly recommended to place components tied to
floating voltage on the high voltage side of device (VB,
VS side) while the other components are placed on the
opposite side.
3.2 Ground Plane
To minimize noise coupling, the ground plane must not
be placed under or near the high voltage floating side.
3.3 Gate Drive Loops
Current loops behave like antennas and are able to
receive and transmit EM noise. In order to reduce the
EM coupling and improve the power switch turn on/off
performances, gate drive loops must be reduced as
much as possible. Figure 23 shows the high and low
side gate loops.
Moreover, current can be injected inside the gate drive
loop
via
the
IGBT
collector-to-gate
parasitic
capacitance. The parasitic auto-inductance of the gate
loop contributes to developing a voltage across the
gate-emitter, increasing the possibility of self turn-on.
For this reason, it is strongly recommended to place the
three gate resistances close together and to minimize
the loop area (see Fig. 23).
gate
resistance
VS/COM
VB/ VCC
H/LOP
H/LON
SSDH/L
VGE
Gate Drive
Loop
CGC
IGC
Figure 23:
gate drive loop
3.4 Supply Capacitors
The IR2x14x output stages are able to quickly turn on
an IGBT, with up to 2 A of output current. The supply
capacitors must be placed as close as possible to the
device pins (VCC and VSS for the ground tied supply, VB
and VS for the floating supply) in order to minimize
parasitic inductance/resistance.
3.5 Routing and Placement Example
Figure 24 shows one of the possible layout solutions
using a 3 layer PCB. This example takes into account
all the previous considerations. Placement and routing
for supply capacitors and gate resistances in the high
and low voltage side minimize the supply path loop and
the gate drive loop. The bootstrap diode is placed under
the device to have the cathode as close as possible to
the bootstrap capacitor and the anode far from high
voltage and close to VCC.
R2
R3
R4
R5
R6
R7
C2
D3
D2
IR2214
VGH
VGL
DC+
Phase
a)
Top Layer
R1
C1
VEH
VEL
VCC
b) Bottom Layer
c) Ground Plane
Figure 24:
layout example
Information below refers to Fig. 24:
Bootstrap section: R1, C1, D1
High side gate: R2, R3, R4
High side Desat: D2
Low side supply: C2
Low side gate: R5, R6, R7
Low side Desat: D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com