Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRPLDIM5E Datasheet(PDF) 11 Page - International Rectifier

Part # IRPLDIM5E
Description  4 Level Switch Dim Fluorescent Ballast using the IRS2530D DIM8TM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM5E Datasheet(HTML) 11 Page - International Rectifier

Back Button IRPLDIM5E Datasheet HTML 7Page - International Rectifier IRPLDIM5E Datasheet HTML 8Page - International Rectifier IRPLDIM5E Datasheet HTML 9Page - International Rectifier IRPLDIM5E Datasheet HTML 10Page - International Rectifier IRPLDIM5E Datasheet HTML 11Page - International Rectifier IRPLDIM5E Datasheet HTML 12Page - International Rectifier IRPLDIM5E Datasheet HTML 13Page - International Rectifier IRPLDIM5E Datasheet HTML 14Page - International Rectifier IRPLDIM5E Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.irf.com
- 11 -
RD0802
In case the DC bus decreases too far and the lamp extinguishes, the VCC voltage will
go below VCCUV- and the ignition/preheat ramp will be reset to re-ignite the lamp
reliably.
Figure 5.2: Brown-out conditions: CH1 is the VCO voltage, CH2 is the VS voltage
Lamp Removal
When the lamp is removed, the IRS2530D uses the Crest Factor Over-current
Protection to enter the Fault mode and shut down. During lamp removal, the output
stage will transition to a series-LC configuration, and the frequency will move towards
resonance until the inductor saturates. The IRS2530D uses the VS-sensing circuitry
and the RDSon of the low-side half-bridge MOSFET to measure the MOSFET current
for detecting an over-current fault. Should the peak current exceed the average current
by a factor of 5.5 (CF>5.5) during the on-time of LO, the IRS2530D will enter Fault
Mode, where the half-bridge is off. Performing crest factor measurement provides a
relative current measurement that cancels temperature and/or tolerance variations of
the RDSon of the low-side half-bridge MOSFET.
Figure 5.3 shows the voltage across the lamp and the VS voltage when the lower
filament of the lamp is removed. Figure 5.4 shows these voltages when the upper
filament of the lamp is removed. In both cases, the IRS2530D will enter the Fault Mode
and shut down after detecting that the crest factor exceeds 5 during the on-time of LO.
Figure 5.5 shows the VS pin, inductor current, and voltage across lamp when the
inductor saturates and the ballast shuts down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com