Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRS2336 Datasheet(PDF) 21 Page - International Rectifier

Part # IRS2336
Description  HIGH VOLTAGE 3 PHASE GATE DRIVER IC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2336 Datasheet(HTML) 21 Page - International Rectifier

Back Button IRS2336 Datasheet HTML 17Page - International Rectifier IRS2336 Datasheet HTML 18Page - International Rectifier IRS2336 Datasheet HTML 19Page - International Rectifier IRS2336 Datasheet HTML 20Page - International Rectifier IRS2336 Datasheet HTML 21Page - International Rectifier IRS2336 Datasheet HTML 22Page - International Rectifier IRS2336 Datasheet HTML 23Page - International Rectifier IRS2336 Datasheet HTML 24Page - International Rectifier IRS2336 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
IRS2336x(D) Family
www.irf.com
© 2009 International Rectifier
21
Figure 7: Illustration of deadtime
Matched Propagation Delays
The IRS2336xD family of HVICs is designed with propagation delay matching circuitry. With this feature, the IC’s
response at the output to a signal at the input requires approximately the same time duration (i.e., tON, tOFF) for both
the low-side channels and the high-side channels; the maximum difference is specified by the delay matching
parameter (MT). Additionally, the propagation delay for each low-side channel is matched when compared to the
other low-side channels and the propagation delays of the high-side channels are matched with each other; the MT
specification applies as well. The propagation turn-on delay (tON) of the IRS2336xD is matched to the propagation
turn-on delay (tOFF).
Input Logic Compatibility
The inputs of this IC are compatible with standard CMOS and TTL outputs.
The IRS2336xD family has been
designed to be compatible with 3.3 V and 5 V logic-level signals. The IRS2336(D) features an integrated 5.2 V Zener
clamp on the HIN, LIN, ITRIP, and EN pins; the IRS23364D does not offer this input clamp. Figure 8 illustrates an
input signal to the IRS2336(D) and IRS23364D, its input threshold values, and the logic state of the IC as a result of
the input signal.
Figure 8: HIN & LIN input thresholds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com