Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4945-2L Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4945-2L
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4945-2L Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4945-2L Datasheet HTML 4Page - Infineon Technologies AG TLE4945-2L Datasheet HTML 5Page - Infineon Technologies AG TLE4945-2L Datasheet HTML 6Page - Infineon Technologies AG TLE4945-2L Datasheet HTML 7Page - Infineon Technologies AG TLE4945-2L Datasheet HTML 8Page - Infineon Technologies AG TLE4945-2L Datasheet HTML 9Page - Infineon Technologies AG TLE4945-2L Datasheet HTML 10Page - Infineon Technologies AG TLE4945-2L Datasheet HTML 11Page - Infineon Technologies AG TLE4945-2L Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Absolute Maximum Ratings
T
j = – 40 to 150 °C
Parameter
Symbol
Limit Values Unit Remarks
min.
max.
Supply voltage
V
S
– 40
32
V
Supply voltage
V
S
40
V
t < 400 ms;
ν = 0.1
Output voltage
V
Q
32
V
Output current
I
Q
100
mA
Output reverse current
I
Q
100
mA
Junction temperature
T
j
– 40
150
°C
Junction temperature
T
j
170
°C
1000 h
Junction temperature
T
j
210
°C
40 h
Storage temperature
T
stg
– 50
150
°C
Thermal resistance
R
th JA
190
K/W –
TLE4905L, TLE4935L, TLE4945L, TLE4945-2L
Data Sheet
6
V1.5, 2007-11
Note: Stresses above those listed here may cause permanent damage to the device. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Operating Range
Parameter
Symbol
Limit Values Unit Remarks
min.
max.
Supply voltage
V
S
3.8
24
V
Junction temperature
T
j
– 40
150
°C
170
1000 h,
thresholds may
exceed the limits
Note: In the operating range the functions given in the circuit description are fulfilled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com