Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4473GV55-2 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4473GV55-2
Description  Dual Low Dropout Voltage Regulator Stand-by output 190 mA; 5 V 짹 2%
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4473GV55-2 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4473GV55-2 Datasheet HTML 9Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 10Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 11Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 12Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 13Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 14Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 15Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 16Page - Infineon Technologies AG TLE4473GV55-2 Datasheet HTML 17Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet
13
Rev. 1.2, 2008-10-28
TLE 4473 GV55-2
Typical Performance Characteristics
Output Voltage
V
Q2 versus
Input Voltage
V
I
Reset Thresholds
V
RT1, VRT2 versus
Junction Temperature
T
J
Output Voltage
V
Q2 versus
Junction Temperature
T
J
INH2 Input Current versus
Inhibit Voltage
AED03353.VSD
0
V
I
V
Q2
12
34
5
6
V 8
0
1
2
3
4
5
6
7
8
V
R
Load = 50 Ω
V
INH2 = 5 V
AED03354.VSD
-40
T
j
040
80
°C 160
V
4.55
4.60
4.65
4.70
4.75
4.80
AED03352.VSD
-40
T
j
0
40
80
°C 160
V
V
Q2
4.90
4.95
5.00
5.05
5.10
5.15
AED03351.VSD
0
V
INH2
I
INH2
12
34
5
6
V 8
0
1
2
3
4
5
6
7
8
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com