Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4268 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4268
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4268 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4268 Datasheet HTML 6Page - Infineon Technologies AG TLE4268 Datasheet HTML 7Page - Infineon Technologies AG TLE4268 Datasheet HTML 8Page - Infineon Technologies AG TLE4268 Datasheet HTML 9Page - Infineon Technologies AG TLE4268 Datasheet HTML 10Page - Infineon Technologies AG TLE4268 Datasheet HTML 11Page - Infineon Technologies AG TLE4268 Datasheet HTML 12Page - Infineon Technologies AG TLE4268 Datasheet HTML 13Page - Infineon Technologies AG TLE4268 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Data Sheet
10
Rev. 1.5, 2007-03-20
TLE 4268
Reset Timing
The power-on reset delay time is defined by the charging time of an external capacitor
C
D which can be calculated as follows:
C
D = (∆trd × ID,c)/∆V
(1)
Definitions:
•
C
D = delay capacitor
•
∆t
rd = delay time
•
I
D,c = charge current, typical 12 µA
•
∆V = V
DU, typical 1.8 V
•
V
DU = upper delay switching threshold at CD for reset delay time
The reset reaction time
t
rr is the time it takes the voltage regulator to set the reset out
LOW after the output voltage has dropped below the reset threshold. It is typically 1
µs
for delay capacitor of 47 nF. For other values for
C
D the reaction time can be estimated
using the following equation:
t
rr ≈ 20 s/F × CD
(2)
Figure 5
Timing (Watchdog disabled)
AED03010
Thermal
t rd
Power-on-Reset
Voltage Dip
Secondary
Overload
at Output
Spike
VΙ
D,c
Ι
=
V
d
dt
V
Q
Q, rt
V
t rr
<
rr
t
at Input
Undervoltage
Shutdown
CD
t
VRO
D
V
t
t
t
VDU
VDRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com