Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICE2PCS01G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # ICE2PCS01G
Description  Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2PCS01G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button ICE2PCS01G Datasheet HTML 9Page - Infineon Technologies AG ICE2PCS01G Datasheet HTML 10Page - Infineon Technologies AG ICE2PCS01G Datasheet HTML 11Page - Infineon Technologies AG ICE2PCS01G Datasheet HTML 12Page - Infineon Technologies AG ICE2PCS01G Datasheet HTML 13Page - Infineon Technologies AG ICE2PCS01G Datasheet HTML 14Page - Infineon Technologies AG ICE2PCS01G Datasheet HTML 15Page - Infineon Technologies AG ICE2PCS01G Datasheet HTML 16Page - Infineon Technologies AG ICE2PCS01G Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
CCM-PFC
ICE2PCS01/G
Electrical Characteristics
Version 2.2
13
09 October 2007
4
Electrical Characteristics
4.1
Absolute Maximum Ratings
Note:
Absolute maximum ratings are defined as ratings, which when being exceeded may lead to destruction
of the integrated circuit.
4.2
Operating Range
Note:
Within the operating range the IC operates as described in the functional description.
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
VCC Supply Voltage
VCC
-0.3
25
V
FREQ Voltage
VFREQ
-0.3
5
V
ICOMP Voltage
VICOMP
-0.3
5
V
ISENSE Voltage
VISENSE
-20
5
V
2)
ISENSE Current
IISENSE
-1
1
mA
Recommended R2=220
Ω
VSENSE Voltage
VVSENSE
-0.3
5
V
VSENSE Current
IVSENSE
-1
1
mA
R3>400k
Ω
VCOMP Voltage
VVCOMP
-0.3
5
V
GATE Voltage
VGATE
-0.3
17
V
Clamped at 15V if driven
internally.
Junction Temperature
Tj
-40
150
°C
Storage Temperature
TS
-55
150
°C
Thermal Resistance
Junction-Ambient for DSO-8-13
RthJA (DSO)
-
185
K/W
PG-DSO-8-13
Thermal Resistance
Junction-Ambient for DIP-8-4
RthJA(DIP)
-
90
K/W
PG-DIP-8-4
ESD Protection
VESD
-
2
kV
Human Body Model1)
1)
According to EIA/JESD22-A114-B (discharging a 100pF capacitor through a 1.5k
Ω series resistor)
2)
Absolute ISENSE current should not be exceeded
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
VCC Supply Voltage
VCC
VCCUVLO 25
V
Junction Temperature
TJCon
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com