Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4276-2GV Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4276-2GV
Description  Low Drop Voltage Regulator 5 V or variable output voltage Output voltage tolerance ??짹2%
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4276-2GV Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4276-2GV Datasheet HTML 8Page - Infineon Technologies AG TLE4276-2GV Datasheet HTML 9Page - Infineon Technologies AG TLE4276-2GV Datasheet HTML 10Page - Infineon Technologies AG TLE4276-2GV Datasheet HTML 11Page - Infineon Technologies AG TLE4276-2GV Datasheet HTML 12Page - Infineon Technologies AG TLE4276-2GV Datasheet HTML 13Page - Infineon Technologies AG TLE4276-2GV Datasheet HTML 14Page - Infineon Technologies AG TLE4276-2GV Datasheet HTML 15Page - Infineon Technologies AG TLE4276-2GV Datasheet HTML 16Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TLE 4276-2
Data Sheet
13
Rev. 1.1, 2007-09-21
Package Outlines
Figure 6
PG-TO263-5 (Plastic Green Transistor Single Outline)
Green Product (RoHS compliant)
To meet the world-wide customer requirements for environmentally friendly products
and to be compliant with government regulations the device is available as a green
product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable
for Pb-free soldering according to IPC/JEDEC J-STD-020).
You can find all of our packages, sorts of packing and others in our
Infineon Internet Page “Products”: http://www.infineon.com/products.
Dimensions in mm
SMD = Surface Mounted Device
Outlines_PG-TO263-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com