Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE7230R Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE7230R
Description  Smart Octal Low-Side Switch Low Quiescent Current< 10關A Overvoltage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7230R Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE7230R Datasheet HTML 3Page - Infineon Technologies AG TLE7230R Datasheet HTML 4Page - Infineon Technologies AG TLE7230R Datasheet HTML 5Page - Infineon Technologies AG TLE7230R Datasheet HTML 6Page - Infineon Technologies AG TLE7230R Datasheet HTML 7Page - Infineon Technologies AG TLE7230R Datasheet HTML 8Page - Infineon Technologies AG TLE7230R Datasheet HTML 9Page - Infineon Technologies AG TLE7230R Datasheet HTML 10Page - Infineon Technologies AG TLE7230R Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet TLE 7230 R
V2.0
Page
2005-10-05
7
Note: The overtemperature sensors of the output channels are only active if the channel is turned on.
Low Quiescent Current Mode (Sleep Mode) :
By applying a low signal at the Reset Pin, the device can be set to sleep mode. In this mode, all outputs
are turned off, diagnosis and biasing are disabled, the diagnosis and the on/off register are reset and the
current consumption is drastically reduced (<10µA). Once the reset signal returns to high, all outputs
except for those controlled by parallel inputs remain off.
Overload Protection:
The IC can be programmed to react in different ways to overload.
• Only Current limit: The IC actively limits the current to the specified current limit value. If the
current limitation is active for longer than the fault filtering time, a fault is reported and stored in
the Fault register. Unless the channel reaches the overtemperature shutdown threshold, the
channel is not shutdown.
• Current limit + shutdown: The IC actively limits the current to the specified current limit value.
If this current limit is active for more than the specified Overload switch off delay time the af-
fected channel is turned off and the fault is reported and stored in the fault register. To turn on
the channel again this overload latch must be reset with a L
à H transition of the input signal
(parallel /SPI depending on the programmed operation).
Pin description:
OUTPUT 1 to 8 – Drain pins of the 8 channels. Output pins to connect to loads.
GND – Ground pins.
IN 1 to 3 – Parallel Input Pins of the channels 1 to 3
IN 4 – Mapable parallel Input Pin. Can be assigned to different outputs by SPI command. Default Output
is OUT4
PRG - Program pin.
PRG = High (VS):
Parallel inputs 1 to 4 are high active
PRG = Low (GND): Parallel inputs 1 to 4 are low active.
If the parallel input pins are not connected (independent of high or low activity) it is guaranteed that
the channels 1 to 4 are switched OFF.
PRG pin itself is internally pulled up when not connected.
Reset - If the reset pin is in a logic low state, it clears the SPI shift register and switches all out-
puts OFF. An internal pull-up structure is provided on chip.
Fault - There is a general fault pin (open drain) which shows a high to low transition as soon as an
error occurs at any one of the eight channels. This fault indication can be used to generate a µC
interrupt. Therefore a ‘diagnosis’ interrupt routine need only be called after this fault indication.
This saves processor time compared to a cyclic reading of the SO information.
VDO – Supply pin of the Signal Output (SO) pin of the SPI interface . This pin can be used to vary the
high-state output voltage of the SO pin.
Vs – Logic supply pin. This pin is used to supply the integrated circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com