Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF21085LSR3 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF21085LSR3
Description  RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF21085LSR3 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF21085LSR3_08 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF21085LSR3_08 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF21085LSR3_08 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF21085LSR3_08 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF21085LSR3_08 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF21085LSR3_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF21085LSR3_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF21085LSR3_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF21085LSR3_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
RF Device Data
Freescale Semiconductor
MRF21085LSR3
Figure 1. MRF21085L Test Circuit Schematic
RF
INPUT
RF
OUTPUT
Z1
Z2
VBIAS
C1
C6
L1
DUT
VSUPPLY
Z3
C8
Z7
C5
C7
Z5
Z6
R4
C4
Z4
+
C9
C3
C2
Z8
C10
C11
C12
++
+
B1
R1
R2
R3
Board
0.030″ Glass Teflon®,
Keene GX-0300-55-22, εr = 2.55
PCB
Etched Circuit Boards
MRF21085 Rev. 3, CMR
Z1
0.750″ x 0.084″ Microstrip
Z2
1.015″ x 0.084″ Microstrip
Z3
0.480″ x 0.800″ Microstrip
Z4
0.750″ x 0.050″ Microstrip
Z5
0.610″ x 0.800″ Microstrip
Z6
0.885″ x 0.084″ Microstrip
Z7
0.720″ x 0.084″ Microstrip
Z8
0.800″ x 0.070″ Microstrip
Table 5. MRF21085 Test Circuit Component Designations and Values
Designators
Description
B1
Short Ferrite Bead, Fair Rite, #2743019447
C1, C6
43 pF Chip Capacitors, ATC #100B430JCA500X
C2
10 pF Chip Capacitor, ATC #100B100JCA500X
C3, C9
1000 pF Chip Capacitors, ATC #100B102JCA500X
C4, C10
0.1 mF Chip Capacitors, Kemet #CDR33BX104AKWS
C5
1.0 mF Tantalum Chip Capacitor, Kemet #T491C105M050
C7
2.7 pF Chip Capacitor, ATC #100B2R7JCA500X
C8
10 mF Tantalum Chip Capacitor, Kemet #T495X106K035AS4394
C11, C12
22 mF Tantalum Chip Capacitors, Kemet #T491X226K035AS4394
L1
1 Turn, #20 AWG, 0.100″ ID
N1, N2
Type N Flange Mounts, Omni Spectra #3052-1648-10
R1
1.0 kΩ, 1/8 W Chip Resistor
R2
180 kΩ, 1/8 W Chip Resistor
R3, R4
10 Ω, 1/8 W Chip Resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com