Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCF5213 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MCF5213
Description  MCF5213 ColdFire Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5213 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MCF5213 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
MCF5213 ColdFire Microcontroller, Rev. 4
Freescale Semiconductor
2
Table of Contents
1
Family Configurations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3
1.1
Block Diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4
1.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5
1.3
Reset Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20
1.4
PLL and Clock Signals . . . . . . . . . . . . . . . . . . . . . . . . .20
1.5
Mode Selection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20
1.6
External Interrupt Signals . . . . . . . . . . . . . . . . . . . . . . .21
1.7
Queued Serial Peripheral Interface (QSPI) . . . . . . . . . .21
1.8
I2C I/O Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21
1.9
UART Module Signals . . . . . . . . . . . . . . . . . . . . . . . . . .22
1.10 DMA Timer Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
1.11 ADC Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
1.12 General Purpose Timer Signals . . . . . . . . . . . . . . . . . .23
1.13 Pulse Width Modulator Signals . . . . . . . . . . . . . . . . . . .23
1.14 Debug Support Signals . . . . . . . . . . . . . . . . . . . . . . . . .23
1.15 EzPort Signal Descriptions . . . . . . . . . . . . . . . . . . . . . .24
1.16 Power and Ground Pins . . . . . . . . . . . . . . . . . . . . . . . .25
2
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . .26
2.1
Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . .26
2.2
Current Consumption . . . . . . . . . . . . . . . . . . . . . . . . . .27
2.3
Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . . .28
2.4
Flash Memory Characteristics . . . . . . . . . . . . . . . . . . . 30
2.5
EzPort Electrical Specifications . . . . . . . . . . . . . . . . . . 31
2.6
ESD Protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
2.7
DC Electrical Specifications. . . . . . . . . . . . . . . . . . . . . 32
2.8
Clock Source Electrical Specifications . . . . . . . . . . . . 33
2.9
General Purpose I/O Timing . . . . . . . . . . . . . . . . . . . . 33
2.10 Reset Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
2.11 I2C Input/Output Timing Specifications . . . . . . . . . . . . 35
2.12 Analog-to-Digital Converter (ADC) Parameters . . . . . . 36
2.13 Equivalent Circuit for ADC Inputs . . . . . . . . . . . . . . . . 37
2.14 DMA Timers Timing Specifications . . . . . . . . . . . . . . . 38
2.15 QSPI Electrical Specifications . . . . . . . . . . . . . . . . . . . 38
2.16 JTAG and Boundary Scan Timing . . . . . . . . . . . . . . . . 39
2.17 Debug AC Timing Specifications . . . . . . . . . . . . . . . . . 41
3
Mechanical Outline Drawings . . . . . . . . . . . . . . . . . . . . . . . . 42
3.1
64-pin LQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . 43
3.2
64 QFN Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
3.3
81 MAPBGA Package . . . . . . . . . . . . . . . . . . . . . . . . . 50
3.4
100-pin LQFP Package . . . . . . . . . . . . . . . . . . . . . . . . 52
4
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com