Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S10111 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S10111
Description  Current-output type sensors with variable integration time function
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10111 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S10111 Datasheet HTML 1Page - Hamamatsu Corporation S10111 Datasheet HTML 2Page - Hamamatsu Corporation S10111 Datasheet HTML 3Page - Hamamatsu Corporation S10111 Datasheet HTML 4Page - Hamamatsu Corporation S10111 Datasheet HTML 5Page - Hamamatsu Corporation S10111 Datasheet HTML 6Page - Hamamatsu Corporation S10111 Datasheet HTML 7Page - Hamamatsu Corporation S10111 Datasheet HTML 8Page - Hamamatsu Corporation S10111 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CMOS linear image sensors
S10111 to S10114 series
2
Recommended terminal voltage (Ta=25 °C)
Electrical characteristics [Ta=25 °C, Vdd=5 V, Vb=Vofd=2 V, Vofg=0.2 V]
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
Vdd
4.75
5
5.25
V
Clock pulse voltage
High level
V(CLK)
Vdd - 0.25
Vdd
Vdd + 0.25
V
Low level
0
-
0.4
Start pulse voltage
High level
V(ST)
Vdd - 0.25
Vdd
Vdd + 0.25
V
Low level
0
-
0.4
Integration time control pulse
voltage
High level
V(INT)
Vdd - 0.25
Vdd
Vdd + 0.25
V
Low level
0
-
0.4
Over ow drain voltage
Vofd
0.5
2
2.5
V
Over ow gate voltage
Vofg
0.17
0.2
0.23
V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Clock pulse
frequency
S10111/S10114 series
f(CLK)
10 k
-
250 k
Hz
S10112/S10113 series
10 k
-
500 k
Video data rate
VR
-
f(CLK)
-
Hz
Power
consumption*2
S10111-128Q
P
-0.75-
mW
S10111-256Q
-
1.75
-
S10111-512Q
-
4.25
-
S10112-128Q
-
1.5
-
S10112-256Q
-
3.5
-
S10112-512Q
-
8.25
-
S10113-256Q
-
3.25
-
S10113-512Q
-
7.25
-
S10113-1024Q
-
18.25
-
S10114-256Q
-
1.75
-
S10114-512Q
-
3.75
-
S10114-1024Q
-
8.25
-
Video line
capacitance
(Vb=2 V)
S10111/S10112-128Q
Cv
-10-
pF
S10111/S10112-256Q
-
14
-
S10111/S10112-512Q
-
22
-
S10113/S10114-256Q
-
13
-
S10113/S10114-512Q
-
19
-
S10113/S10114-1024Q
-
32
-
*2: f(CLK)=250 kHz (S10111/S10114 series), 500 kHz (S10112/S10113 series)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com