Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

908E625 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 908E625
Description  Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E625 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 908E625 Datasheet HTML 17Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 18Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 19Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 20Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 21Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 22Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 23Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 24Page - Freescale Semiconductor, Inc 908E625 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
908E625
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
LOGIC COMMANDS AND REGISTERS
INTERRUPT FLAG REGISTER (IFR)
Hall-Effect Sensor Input Pin Flag Bit (HPF)
This read/write flag is set depending on RUN/STOP
mode.
RUN Mode
An interrupt will be generated when a state change on any
enabled Hall-effect sensor input pin is detected. Clear HPF
by writing a Logic [1] to HPF. Reset clears the HPF bit.
Writing a Logic [0] to HPF has no effect.
• 1 = State change on the hallflags detected
• 0 = No state change on the hallflags detected
STOP Mode
An interrupt will be generated when AWDCC is set and a
current above the threshold is detected on any enabled Hall-
effect sensor input pin. Clear HPF by writing a Logic [1] to
HPF. Reset clears the HPF bit. Writing a Logic [0] to HPF has
no effect.
• 1 = One or more of the selected Hall-effect sensor input
pins had been pulled HIGH
• 0 = None of the selected Hall-effect sensor input pins
has been pulled HIGH
LIN Flag Bit (LINF)
This read/write flag is set on the falling edge at the LIN
data line. Clear LINF by writing a Logic [1] to LINF. Reset
clears the LINF bit. Writing a Logic [0] to LINF has no effect.
• 1 = Falling edge on LIN data line has occurred
• 0 = Falling edge on LIN data line has not occurred since
last clear
High-Temperature Flag Bit (HTF)
This read/write flag is set on a high-temperature condition.
Clear HTF by writing a Logic [1] to HTF. If a high-temperature
condition is still present while writing a Logic [1] to HTF, the
writing has no effect. Therefore, a high-temperature interrupt
cannot be lost due to inadvertent clearing of HTF. Reset
clears the HTF bit. Writing a Logic [0] to HTF has no effect.
• 1 = High-temperature condition has occurred
• 0 = High-temperature condition has not occurred
Low-Voltage Flag Bit (LVF)
This read/write flag is set on a low-voltage condition. Clear
LVF by writing a Logic [1] to LVF. If a low-voltage condition is
still present while writing a Logic [1] to LVF, the writing has no
effect. Therefore, a low-voltage interrupt cannot be lost due
to inadvertent clearing of LVF. Reset clears the LVF bit.
Writing a Logic [0] to LVF has no effect.
• 1 = Low-voltage condition has occurred
• 0 = Low-voltage condition has not occurred
High-Voltage Flag Bit (HVF)
This read/write flag is set on a high-voltage condition.
Clear HVF by writing a Logic [1] to HVF. If high-voltage
condition is still present while writing a Logic [1] to HVF, the
writing has no effect. Therefore, a high-voltage interrupt
cannot be lost due to inadvertent clearing of HVF. Reset
clears the HVF bit. Writing a Logic [0] to HVF has no effect.
• 1 = High-voltage condition has occurred
• 0 = High-voltage condition has not occurred
Overcurrent Flag Bit (OCF)
This read-only flag is set on an overcurrent condition.
Reset clears the OCF bit. To clear this flag, write a Logic [1]
to the appropriate overcurrent flag in the SYSSTAT Register.
See Figure 10,illustrating the three signals triggering the
OCF.
• 1 = High-current condition has occurred
• 0 = High-current condition has not occurred
Figure 10. Principal Implementation for OCF
Register Name and Address: IFR - $05
Bits
7
6
5
4
3
2
1
0
Read
0
HPF
LINF
HTF
LVF
HVF
OCF
0
Write
Reset
0
0
0
0
0
0
0
0
OCF
HVDD_OCF
HS_OCF
HB_OCF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com