Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA7456LR1 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMA7456LR1
Description  짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7456LR1 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMA7456LR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA7456LR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA7456LR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7456LR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7456LR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7456LR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7456LR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7456LR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA7456LR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Sensors
Freescale Semiconductor
6
MMA7456L
ELECTRO STATIC DISCHARGE (ESD)
WARNING: This device is sensitive to electrostatic discharge.
Although the Freescale accelerometer contains internal 2000V ESD protection circuitry, extra precaution must be taken by the
user to protect the chip from ESD. A charge of over 2000 volts can accumulate on the human body or associated test equipment.
A charge of this magnitude can alter the performance or cause failure of the chip. When handling the accelerometer, proper ESD
precautions should be followed to avoid exposing the device to discharges which may be detrimental to its performance.
Table 2. Maximum Ratings
(Maximum ratings are the limits to which the device can be exposed without causing permanent damage.)
Rating
Symbol
Value
Unit
Maximum Acceleration (all axes)
gmax
5000
g
Analog Supply Voltage
AVDD
-0.3 to +3.6
V
Digital I/O pins Supply Voltage
DVDD_IO
-0.3 to +3.6
V
Drop Test
Ddrop
1.8
m
Storage Temperature Range
Tstg
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com