Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8343ECVRADDB Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MPC8343ECVRADDB
Description  MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8343ECVRADDB Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MPC8343ECVRADDB Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8343ECVRADDB Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8343ECVRADDB Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8343ECVRADDB Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8343ECVRADDB Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8343ECVRADDB Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8343ECVRADDB Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8343ECVRADDB Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8343ECVRADDB Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 79 page
background image
MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 10
66
Freescale Semiconductor
Clocking
326
0011
0100110
—
33100
30033100
300
623
0110
0100011
—
33200
30033200
300
922
1001
0100010
—
33300
30033300
300
425
0100
0100101
—
33133
33333133
333
524
0101
0100100
—
33166
33333166
333
A22
1010
0100010
—
33333
33333333
333
723
0111
0100011
—
—
33
233
350
604
0110
0000100
—
—
33
200
400
624
0110
0100100
—
—
33
200
400
823
1000
0100011
—
—
33
266
400
66 MHz CLKIN/PCI_CLK Options
242
0010
1000010
66
133
133
66
133
133
66
133
133
322
0011
0100010
66
200
200
66
200
200
66
200
200
224
0010
0100100
66
133
266
66
133
266
66
133
266
422
0100
0100010
66
266
266
66
266
266
66
266
266
323
0011
0100011
—
66200
30066200
300
223
0010
0100101
—
66133
33366133
333
522
0101
0100010
—
66333
33366333
333
304
0011
0000100
—
—
66
200
400
324
0011
0100100
—
—
66
200
400
403
0100
0000011
—
—
66
266
400
423
0100
0100011
—
—
66
266
400
1 The PLL configuration reference number is the hexadecimal representation of RCWL, bits 4–15 associated with the SPMF
and COREPLL settings given in the table.
2 The input clock is CLKIN for PCI host mode or PCI_CLK for PCI agent mode.
Table 58. Suggested PLL Configurations (continued)
Ref
No.1
RCWL
266 MHz Device
333 MHz Device
400 MHz Device
SPMF
CORE
PLL
Input
Clock
Freq
(MHz)2
CSB
Freq
(MHz)
Core
Freq
(MHz)
Input
Clock
Freq
(MHz)2
CSB
Freq
(MHz)
Core
Freq
(MHz)
Input
Clock
Freq
(MHz)2
CSB
Freq
(MHz)
Core
Freq
(MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com