Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXV4006 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPXV4006
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV4006 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPXV4006 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV4006 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV4006 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV4006 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV4006 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV4006 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV4006 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV4006 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV4006 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MPXV4006
Sensors
Freescale Semiconductor
3
Pressure
Operating Characteristics
Table 1. Operating Characteristics (VS = 5.0 Vdc, TA = 25°C unless otherwise noted, P1 > P2)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range
POP
0—
6.0
612
kPa
mm H2O
Supply Voltage(1)
1. Device is ratiometric within this specified excitation range.
VS
4.75
5.0
5.25
Vdc
Supply Current
IS
—
—
10
mAdc
Full Scale Span(2)
2. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
VFSS
—4.6
—
V
Offset(3)(5)
3. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
Voff
0.152
0.265
0.378
V
Sensitivity
V/P
—
766
7.511
—mV/kPa
mV/mm H2O
Accuracy(4)(5)
(10 to 60°C)
4. Accuracy (error budget) consists of the following:
Linearity:
Output deviation from a straight line relationship with pressure over the specified pressure range.
Temperature Hysteresis:
Output deviation at any temperature within the operating temperature range, after the temperature is cycled to
and from the minimum or maximum operating temperature points, with zero differential pressure applied.
Pressure Hysteresis:
Output deviation at any pressure within the specified range, when this pressure is cycled to and from minimum
or maximum rated pressure, at 25
°C.
Offset Stability:
Output deviation, after 1000 temperature cycles, -30 to 100
°C, and 1.5 million pressure cycles, with
minimum rated pressure applied.
TcSpan:
Output deviation over the temperature range of 10
° to 60°C, relative to 25°C.
TcOffset:
Output deviation with minimum pressure applied, over the temperature range of 10
° to 60°C, relative to 25°C.
5. Auto Zero at Factory Installation: Due to the sensitivity of the MPXV4006, external mechanical stresses and mounting position can affect the
zero pressure output reading. To obtain the 2.46% FSS accuracy, the device output must be “autozeroed'' after installation. Autozeroing is
defined as storing the zero pressure output reading and subtracting this from the device's output during normal operations. The specified
accuracy assumes a maximum temperature change of ±5
°C between autozero and measurement.
—
—
—
—
—
—
±2.46
±5.0
%VFSS with
auto zero
%VFSS without
auto zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com