Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TX7-503C-ST3 Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # TX7-503C-ST3
Description  STRATUM III SMD TCXO CMOS Overall stability: 짹4.60 ppm including 20 years aging
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

TX7-503C-ST3 Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  TX7-503C-ST3 Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TX7-503C-ST3
STRATUM III SMD TCXO
CMOS
2002/95/EC RoHS compliant
01 Nov. 10
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com
Features
Applications: transmission, TDM networks, SDH, SONET, wireless
communications, IEEE 1588v2, SyncE, STRATUM III, wireless
backhaul, metro carrier Ethernet, femtocells, picocells
Holdover stability:
0.37 ppm over 24 h
Overall stability:
4.60 ppm including 15 years aging
Output signal: CMOS
Parameter
Specification
Frequency range
10.000 ~ 26.000 MHz
Standard frequencies
19.44, 20.00, 25.00 & 26.00 MHz
Frequency stability:
 4.60 ppm
overall stability including 15 years aging
vs. temperature
 0.28 ppm
-40 ~ +85 °C
vs. aging
 3.0 ppm
15 years
Holdover stability
 ±0.37 ppm
over 24 h
including supply change of ±5 % and aging
Frequency tolerance ex. factory
 0.50 ppm
@ +25 °C
Supply voltage
+3.3 V or +5.0 V
5 %
Supply current
< 6 mA
Output signal
CMOS
Output load
15 pF
5 %
Tri-state function
pin #1 high or open
pin #3
oscillation
pin #1 low
pin #3
high impedance
Phase noise @ 20.0 MHz carrier frequency
-145 dBc/Hz
@
10 kHz
Operating temperature range
-20 ~ +70 °C
commercial application
-40 ~ +85 °C
industrial application
Storage temperature range
-55 ~ +125 °C
Packaging units
tape & reel
500 or 1’000 pieces
tape only
< 500 pieces
Customer specifications on request
Pin function
# 1
Tri-state
or not connected
# 2
GND
# 3
Output
# 4
Vdc
Example for solder pattern
Do not design any conductive path between the pattern
Example for IR reflow soldering temperature


Similar Part No. - TX7-503C-ST3

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
TX7-503C-SQ-ST3 QUARTZCOM-TX7-503C-SQ-ST3 Datasheet
100Kb / 1P
High precision analogue compensated STRATUM III SMD TCXO
More results

Similar Description - TX7-503C-ST3

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C2560 VECTRON-C2560 Datasheet
210Kb / 4P
Stratum 3 Compliant Tight Stability Low Aging
logo
Advanced XTAL Products
AXLE10S AXTAL-AXLE10S Datasheet
55Kb / 2P
TCXO with Stratum III stability incl. holdover
2005-05-22
AXLE20S AXTAL-AXLE20S Datasheet
69Kb / 2P
TCXO with Stratum III long-term stability option
2005-05-22
AXLE30S AXTAL-AXLE30S Datasheet
55Kb / 2P
TCXO with Stratum III stability incl. holdover
2005-05-22
logo
Fox Electronics
FOX331 FOX-FOX331 Datasheet
238Kb / 2P
3.3V SMD Stratum III HCMOS TCXO/VCTCXO
logo
QUARTZCOM the communica...
TXO-P9-H-6P-ST3 QUARTZCOM-TXO-P9-H-6P-ST3 Datasheet
114Kb / 1P
STRATUM III SMD TCXO HCMOS Overall stability 4.60 ppm including 20 years aging
TXO-SW-H-5P-ST3 QUARTZCOM-TXO-SW-H-5P-ST3 Datasheet
163Kb / 1P
STRATUM III SMD TCXO HCMOS Overall stability 4.60 ppm including 20 years aging
TX7-705C-S-ST3 QUARTZCOM-TX7-705C-S-ST3 Datasheet
107Kb / 1P
STRATUM III SMD TCXO CMOS Overall stability 짹4.60 ppm including 20 years aging
logo
Fox Electronics
FOX321ER FOX-FOX321ER Datasheet
38Kb / 1P
3.3V 5032 SMD Stratum III HCMOS TCXO
logo
Abracon Corporation
ABDFTCXO ABRACON-ABDFTCXO Datasheet
2Mb / 8P
DUAL OUTPUT STRATUM-III SMD TCXO & VCTCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com