Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC8102 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MSC8102
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MSC8102 Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
MSC8102 Quad Core Digital Signal Processor, Rev. 12
1-10
Freescale Semiconductor
Signals/Connections
1.5 Memory Controller Signals
Refer to the Memory Controller chapter in the MSC8102 Reference Manual for details on configuring these
signals.
NMI
Input
Non-Maskable Interrupt
When an external device asserts this line, it generates an non-maskable interrupt in the MSC8102, which is
processed internally (default) or is directed to an external host for processing (see NMI_OUT).
NMI_OUT
Output
Non-Maskable Interrupt Output
An open-drain pin driven from the MSC8102 internal interrupt controller. Assertion of this output indicates
that a non-maskable interrupt is pending in the MSC8102 internal interrupt controller, waiting to be handled
by an external host.
PSDVAL
Input/Output
Port Size Data Valid
Indicates that a data beat is valid on the data bus. The difference between the TA pin and the PSDVAL pin
is that the TA pin is asserted to indicate data transfer terminations, while the PSDVAL signal is asserted with
each data beat movement. When TA is asserted, PSDVAL is always asserted. However, when PSDVAL is
asserted, TA is not necessarily asserted. For example, if the DMA initiates a double word (2
× 64 bits)
transaction to a memory device with a 32-bit port size, PSDVAL is asserted three times without TA and,
finally, both pins are asserted to terminate the transfer.
IRQ7
INT_OUT
Input
Output
Interrupt Request 7
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
Interrupt Output
Assertion of this output indicates that an unmasked interrupt is pending in the MSC8102 internal interrupt
controller.
Notes:
1.
See the System Interface Unit (SIU) chapter in the
MSC8102 Reference Manual for details on how to configure these pins.
2.
When used as the bus control arbiter, the MSC8102 can support up to three external bus masters. Each master uses its own
set of Bus Request, Bus Grant, and Data Bus Grant signals (BR/BG/DBG, EXT_BR2/EXT_BG2/EXT_DBG2, and
EXT_BR3/EXT_BG3/EXT_DBG3). Each of these signal sets must be configured to indicate whether the external master is or
is not a MSC8102 master device. See the Bus Configuration Register (BCR) description in the System Interface Unit (SIU)
chapter in the
MSC8102 Reference Manual for details on how to configure these pins. The second and third set of pins is
defined by EXT_xxx to indicate that they can only be used with external master devices. The first set of pins (BR/BG/DBG)
have a dual function. When the MSC8102 is not the bus arbiter, these signals (BR/BG/DBG) are used by the MSC8102 to
obtain master control of the bus.
Table 1-6.
Memory Controller Signals
Signal Name
Type
Description
BCTL0
Output
System Bus Buffer Control 0
Controls buffers on the data bus. Usually used with BCTL1. The exact function of this pin is defined
by the value of SIUMCR[BCTLC].
BCTL1
CS5
Output
Output
System Bus Buffer Control 1
Controls buffers on the data bus. Usually used with BCTL0. The exact function of this pin is defined
by the value of SIUMCR[BCTLC].
System and Local Bus Chip Select 5
Enables specific memory devices or peripherals connected to MSC8102 buses.
BM[0–2]
TC[0–2]
BNKSEL[0–2]
Input
Input/Output
Output
Boot Mode 0–2
Defines the boot mode of the MSC8102. This signal is sampled on PORESET deassertion.
Transfer Code 0–2
The bus master drives these pins during the address tenure to specify the type of the code.
Bank Select 0–2
Selects the SDRAM bank when the MSC8102 is in 60x-compatible bus mode.
Table 1-5.
DSI, System Bus, and Interrupt Signals (Continued)
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com