Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC8102RM Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MSC8102RM
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102RM Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MSC8102RM Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 80 page
background image
MSC8102 Quad Core Digital Signal Processor, Rev. 12
2-14
Freescale Semiconductor
Specifications
2.5.6
DSI Timing
The timings in the following sections are based on a 30 pF capacitive load. See Section 2.5.1, Output Buffer
Impedances, on page 2-4 for details.
2.5.6.1 DSI Asynchronous Mode
Table 2-15.
DSI Asynchronous Mode Timing
No.
Characteristics
Min
Max
Unit
100
Attributes1 set-up time before strobe (HWBS[n]) assertion
2.3
—
ns
101
Attributes
1 hold time after data strobe deassertion
2.0
—
ns
102
Read/Write data strobe deassertion width
•
DCR[HTAAD] = 1
— Consecutive access to the same DSI
— Different device with DCR[HTADT] = 01
— Different device with DCR[HTADT] = 10
— Different device with DCR[HTADT] = 11
•
DCR[HTAAD] = 0
1.8 + TREFCLK
5 + TREFCLK
5 + (1.5
× TREFCLK)
5 + (2.5
× TREFCLK)
1.8 + TREFCLK
—
ns
ns
ns
ns
ns
103
Read data strobe deassertion to output data high impedance
—
11.5
ns
104
Read data strobe assertion to output data active from high impedance
2.7
—
ns
105
Output data hold time after read data strobe deassertion
3.0
—
ns
106
Read/Write data strobe assertion to HTA active from high impedance
2.5
—
ns
107
Output data valid to HTA assertion
4.0
—
ns
108
Read/Write data strobe assertion to HTA valid2
—
7.5
ns
109
Read/Write data strobe deassertion to output HTA high impedance.
(DCR[HTAAD] = 0, HTA at end of access released at logic 0)
—
7.5
ns
110
Read/Write data strobe deassertion to output HTA deassertion.
(DCR[HTAAD] = 1, HTA at end of access released at logic 1)
—
7.2
ns
111
Read/Write data strobe deassertion to output HTA high impedance.
(DCR[HTAAD] = 1, HTA at end of access released at logic 1
•
DCR[HTADT] = 01
•
DCR[HTADT] = 10
•
DCR[HTADT] = 11
—
5 + TREFCLK
5 + (1.5
× TREFCLK)
5 + (2.5
× TREFCLK)
ns
ns
ns
112
Read/Write data strobe assertion width
1.8 + TREFCLK
—
ns
201
Host data input set-up time before write data strobe deassertion
1.7
—
ns
202
Host data input hold time after write data strobe deassertion
3.2
—
ns
Notes:
1.
Attributes refers to the following signals: HCS, HA[11–29], HCID[0–4], HDST, HRW, HRDS, and HWBSn.
2.
This specification is tested in dual strobe mode. Timing in single strobe mode is guaranteed by design.
3.
All values listed in this table are tested or guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com