Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCKEL14PW Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCKEL14PW
Description  2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCKEL14PW Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCKEL14PW Datasheet HTML 7Page - NXP Semiconductors PCKEL14PW Datasheet HTML 8Page - NXP Semiconductors PCKEL14PW Datasheet HTML 9Page - NXP Semiconductors PCKEL14PW Datasheet HTML 10Page - NXP Semiconductors PCKEL14PW Datasheet HTML 11Page - NXP Semiconductors PCKEL14PW Datasheet HTML 12Page - NXP Semiconductors PCKEL14PW Datasheet HTML 13Page - NXP Semiconductors PCKEL14PW Datasheet HTML 14Page - NXP Semiconductors PCKEL14PW Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
© Koninklijke Philips Electronics N.V. 2002.
Printed in the U.S.A
All rights are reserved. Reproduction in whole or in part is prohibited without the prior
written consent of the copyright owner.
The information presented in this document does not form part of any quotation or
contract, is believed to be accurate and reliable and may be changed without notice. No
liability will be accepted by the publisher for any consequence of its use. Publication
thereof does not convey nor imply any license under patent- or other industrial or
intellectual property rights.
Date of release: 14 October 2002
Document order number: 9397 750 09564
Contents
Philips Semiconductors
PCKEL14
2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
1
Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
3.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
3.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 2
3.2.1
Power supply connection . . . . . . . . . . . . . . . . . 2
4
Ordering information . . . . . . . . . . . . . . . . . . . . . 3
5
Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 3
6
Function table . . . . . . . . . . . . . . . . . . . . . . . . . . 3
7
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4
8
Static characteristics. . . . . . . . . . . . . . . . . . . . . 5
9
Dynamic characteristics . . . . . . . . . . . . . . . . . . 8
10
Application information. . . . . . . . . . . . . . . . . . . 9
11
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 10
12
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
12.1
Introduction to soldering surface mount
packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
12.2
Reflow soldering . . . . . . . . . . . . . . . . . . . . . . . 12
12.3
Wave soldering . . . . . . . . . . . . . . . . . . . . . . . . 12
12.4
Manual soldering . . . . . . . . . . . . . . . . . . . . . . 13
12.5
Package related soldering information . . . . . . 13
13
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 13
14
Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 14
15
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
16
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com