Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSS242 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FSS242
Description  DC/DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS242 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FSS242 Datasheet HTML 1Page - Sanyo Semicon Device FSS242 Datasheet HTML 2Page - Sanyo Semicon Device FSS242 Datasheet HTML 3Page - Sanyo Semicon Device FSS242 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.6259-3/4
FSS242
0.1
23
5
7
1.0
10
23
5
7
10
1.0
1000
100
7
5
3
2
7
5
3
2
7
5
3
2
SW Time -- ID
td(on)
VDD=15V
VGS=10V
0
20
40
60
80
100
120
140
160
0.5
0
1.0
1.5
1.8
2.0
PD -- Ta
A S O
0.1
23
5 7
2 3
5 7
7
1.0
10
23
5
7
23
5
100
10
1.0
0.1
100
7
5
3
2
7
5
3
2
0.01
0.01
7
5
3
2
7
5
3
2
Operation in this
area is limited by RDS(on).
DC
operation
IDP
ID
<10
µs
100
µs
1ms
10ms
100ms
tr
td(off)
tf
IT00532
IT00534
IT00533
10
9
8
7
6
5
4
3
2
1
0
0
1
2
3
4
5
6
7
8
9
11
12
13
10
14
VGS -- Qg
VDS=10V
ID=8A
10000
7
5
3
2
7
5
3
2
7
5
3
2
1000
100
10
0
5
10
15
20
25
30
Ciss, Coss, Crss -- VDS
Ciss
Coss
Crss
f=1MHz
IT00530
IT00531
Drain Current, ID –A
Drain-to-Source Voltage, VDS –V
Ambient Temperature, Ta – ˚C
Mounted
on
a
ceramic
board
(1000mm
2×
0.8mm)
Drain-to-Source Voltage, VDS – V
Total Gate Charge, Qg – nC
Ta=25
°C
Single pulse
Mounted on a ceramic board (1000mm2
×0.8mm)
Ta=-
-25
°C
25
°C
75°
C
VDS=10V
100
7
5
3
2
7
5
3
2
7
5
3
2
10
1.0
0.1
0.1
23
5
7
23
5
7
1.0
10
100
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
10
1.0
0.1
0.01
0.001
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
IF -- VSD
1.2
VGS=0
IT00528
IT00529
Drain Current, ID –A
| yfs | - I D
Diode Forward Voltage, VSD –V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com