Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSP-BF522 Datasheet(PDF) 65 Page - Analog Devices

Part # ADSP-BF522
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF522 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADSP-BF522 Datasheet HTML 61Page - Analog Devices ADSP-BF522 Datasheet HTML 62Page - Analog Devices ADSP-BF522 Datasheet HTML 63Page - Analog Devices ADSP-BF522 Datasheet HTML 64Page - Analog Devices ADSP-BF522 Datasheet HTML 65Page - Analog Devices ADSP-BF522 Datasheet HTML 66Page - Analog Devices ADSP-BF522 Datasheet HTML 67Page - Analog Devices ADSP-BF522 Datasheet HTML 68Page - Analog Devices ADSP-BF522 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
Preliminary Technical Data
Rev. PrG
|
Page 65 of 80
|
February 2009
ADSP-BF522/523/524/525/526/527
Figure 48. Driver Type C Current (3.3V VDDEXT/VDDMEM)
Figure 49. Drive Type C Current (2.5V VDDEXT/VDDMEM)
Figure 50. Driver Type C Current (1.8V VDDEXT/VDDMEM)
0
SOURCE VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
100
60
40
– 100
– 60
– 20
VOL
VOH
V
DDEXT = 3.6V @ – 40°C
V
DDEXT = 3.3V @ 25°C
– 40
– 80
20
80
V
DDEXT = 3.0V @ 105°C
0
SOURCE VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
80
60
20
– 80
– 60
– 20
VOL
VOH
V
DDEXT = 2.75V @ – 40°C
V
DDEXT = 2.5V @ 25°C
40
– 40
V
DDEXT = 2.25V @ 105°C
0
SOURCE VOLTAGE (V)
0
0.5
1.0
1.5
40
30
20
– 40
– 30
– 10
VOL
VOH
V
DDEXT = 1.9V @ – 40°C
V
DDEXT = 1.8V @ 25°C
– 20
10
V
DDEXT = 1.7V @ 105°C
Figure 51. Driver Type D Current (3.3V VDDEXT/VDDMEM)
Figure 52. Driver Type D Current (2.5V VDDEXT/VDDMEM)
Figure 53. Driver Type D Current (1.8V VDDEXT/VDDMEM)
0
SOURCE VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
160
120
80
– 160
– 40
VOL
VOH
V
DDEXT = 3.6V @ – 40°C
V
DDEXT = 3.3V @ 25°C
– 80
– 120
40
V
DDEXT = 3.0V @ 105°C
0
SOURCE VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
120
100
40
– 120
– 100
– 40
VOL
VOH
V
DDEXT = 2.75V @ – 40°C
V
DDEXT = 2.5V @ 25°C
80
– 60
V
DDEXT = 2.25V @ 105°C
– 80
– 20
20
60
0
SOURCE VOLTAGE (V)
0
0.5
1.0
1.5
60
40
– 60
– 20
VOL
VOH
V
DDEXT = 1.9V @ – 40°C
V
DDEXT = 1.8V @ 25°C
– 40
20
V
DDEXT = 1.7V @ 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com