Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM912F634CV2AE Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MM912F634CV2AE
Description  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AE Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AE Datasheet HTML 70Page - Freescale Semiconductor, Inc MM912F634CV2AE Datasheet HTML 71Page - Freescale Semiconductor, Inc MM912F634CV2AE Datasheet HTML 72Page - Freescale Semiconductor, Inc MM912F634CV2AE Datasheet HTML 73Page - Freescale Semiconductor, Inc MM912F634CV2AE Datasheet HTML 74Page - Freescale Semiconductor, Inc MM912F634CV2AE Datasheet HTML 75Page - Freescale Semiconductor, Inc MM912F634CV2AE Datasheet HTML 76Page - Freescale Semiconductor, Inc MM912F634CV2AE Datasheet HTML 77Page - Freescale Semiconductor, Inc MM912F634CV2AE Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 335 page
background image
Functional Description and Application Information
Wake-up / Cyclic Sense
MM912F634
Freescale Semiconductor
74
4.8.2
Register Definition
4.8.2.1
Wake-up Control Register (WCR)
Table 85. Wake-up Control Register (WCR)
Offset(67) 0x12
Access: User read/write
76
543
210
R
CSSEL
L5WE
L4WE
L3WE
L2WE
L1WE
L0WE
W
Reset
0
01
111
11
Note:
67. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 86. WCR - Register Field Descriptions
Field
Description
7-6
CSSEL
Cyclic Sense Select - Configures the HSx output for the cyclic sense event. Note, with no LxWE selected - only the selected
HSx output will be switched periodically, no Lx state change would be detected. For all configurations, the Forced Wake-up
can be activated in parallel in Section 4.8.2.2, “Timing Control Register (TCR)"
00 - Cyclic Sense Off
01 - Cyclic Sense with periodic HS1on
10 - Cyclic Sense with periodic HS2 on
11 - Cyclic Sense with periodic HS1 and HS2 on.
5 - L5WE
Wake-up Input 5 Enabled - L5 Wake-up Select Bit.
0 - L5 Wake-up Disabled
1 - L5 Wake-up Enabled
4 - L4WE
Wake-up Input 4 Enabled - L4 Wake-up Select Bit.
0 - L4 Wake-up Disabled
1 - L4 Wake-up Enabled
3 - L3WE
Wake-up Input 3 Enabled - L3 Wake-up Select Bit.
0 - L3Wake-up Disabled
1 - L3 Wake-up Enabled
2- L2WE
Wake-up Input 2 Enabled - L2 Wake-up Select Bit.
0 - L2 Wake-up Disabled
1 - L2 Wake-up Enabled
1 - L1WE
Wake-up Input 1 Enabled - L1 Wake-up Select Bit.
0 - L1 Wake-up Disabled
1 - L1 Wake-up Enabled
0 - L0WE
Wake-up Input 0 Enabled - L0 Wake-up Select Bit.
0 - L0 Wake-up Disabled
1 - L0 Wake-up Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com