Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5604B Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MPC5604B
Description  32-bit MCU family built on the Power Architecture for automotive
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604B Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPC5604B_10 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5604B_10 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5604B_10 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5604B_10 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5604B_10 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5604B_10 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5604B_10 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5604B_10 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5604B_10 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 106 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 8
Electrical characteristics
Freescale Semiconductor
40
4.6.2
Power considerations
The average chip-junction temperature, TJ, in degrees Celsius, may be calculated using Equation 1:
TJ = TA + (PD x RJA)
Eqn. 1
Where:
TA is the ambient temperature in °C.
RJA is the package junction-to-ambient thermal resistance, in °C/W.
PD is the sum of PINT and PI/O (PD = PINT + PI/O).
PINT is the product of IDD and VDD, expressed in watts. This is the chip internal power.
PI/O represents the power dissipation on input and output pins; user determined.
Most of the time for the applications, PI/O< PINT and may be neglected. On the other hand, PI/O may be significant, if the device
is configured to continuously drive external modules and/or memories.
An approximate relationship between PD and TJ (if PI/O is neglected) is given by:
PD = K / (TJ + 273 °C)
Eqn. 2
Therefore, solving equations 1 and 2:
K = PD x (TA + 273 °C) + RJA x PD
2
Eqn. 3
Where:
K is a constant for the particular part, which may be determined from Equation 3 by measuring PD (at equilibrium)
for a known TA. Using this value of K, the values of PD and TJ may be obtained by solving equations 1 and 2
iteratively for any value of TA.
4.7
I/O pad electrical characteristics
4.7.1
I/O pad types
The device provides four main I/O pad types depending on the associated alternate functions:
•
Slow pads—These pads are the most common pads, providing a good compromise between transition time and low
electromagnetic emission.
•
Medium pads—These pads provide transition fast enough for the serial communication channels with controlled
current to reduce electromagnetic emission.
•
Fast pads—These pads provide maximum speed. There are used for improved Nexus debugging capability.
•
Input only pads—These pads are associated to ADC channels and the external 32 kHz crystal oscillator (SXOSC)
providing low input leakage.
Medium and Fast pads can use slow configuration to reduce electromagnetic emission, at the cost of reducing AC performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com