Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5604B Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # MPC5604B
Description  32-bit MCU family built on the Power Architecture for automotive
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5604B Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button MPC5604B_10 Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC5604B_10 Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC5604B_10 Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC5604B_10 Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC5604B_10 Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC5604B_10 Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC5604B_10 Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC5604B_10 Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC5604B_10 Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 106 page
background image
Document revision history
MPC5604B/C Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
101
2
06-Mar-2009 Made minor editing and formatting changes to improve readability
Harmonized oscillator naming throughout document
Features:
—Replaced 32 KB with 48 KB as max SRAM size
—Updated descripiton of INTC
—Changed max number of GPIO pins from 121 to 123
Updated Section 1.2, Description
Updated Table 2
Added Section 2, Block diagram
Section 3, Package pinouts and signal descriptions: Removed signal descriptions (these
are found in the device reference manual)
Updated Figure 5:
—Replaced VPP with VSS_HV on pin 18
—Added MA[1] as AF3 for PC[10] (pin 28)
—Added MA[0] as AF2 for PC[3] (pin 116)
—Changed description for pin 120 to PH[10] / GPIO[122] / TMS
—Changed description for pin 127 to PH[9] / GPIO[121] / TCK
—Replaced NMI[0] with NMI on pin 11
Updated Figure 4:
—Replaced VPP with VSS_HV on pin 14
—Added MA[1] as AF3 for PC[10] (pin 22)
—Added MA[0] as AF2 for PC[3] (pin 77)
—Changed description for pin 81 to PH[10] / GPIO[122] / TMS
—Changed description for pin 88 to PH[9] / GPIO[121] / TCK
—Removed E1UC[19] from pin 76
—Replaced [11] with WKUP[11] for PB[3] (pin 1)
—Replaced NMI[0] with NMI on pin 7
Updated Figure 6:
—Changed description for ball B8 from TCK to PH[9]
—Changed description for ball B9 from TMS to PH[10]
—Updated descriptions for balls R9 and T9
Added Section 4.2, Parameter classification and tagged parameters in tables where
appropriate
Added Section 4.3, NVUSRO register
Updated Table 5
Section 4.5, Recommended operating conditions: Added note on RAM data retention to
end of section
Updated Table 6 and Table 7
Added Section 4.6.1, Package thermal characteristics
Updated Section 4.6.2, Power considerations
Updated Figure 7
Updated Table 9, Table 10, Table 11, Table 12 and Table 13
Added Section 4.7.4, Output pin transition times
Updated Table 16
Updated Figure 8
Updated Table 18
Section 4.9.1, Voltage regulator electrical characteristics: Amended description of
LV_PLL
Figure 10: Exchanged position of symbols CDEC1 and CDEC2
Updated Table 19
Table 45. Revision history (continued)
Revision
Date
Description of Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com