Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSR21B554JD Datasheet(PDF) 34 Page - Kemet Corporation

Part # CSR21B554JD
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR21B554JD Datasheet(HTML) 34 Page - Kemet Corporation

Back Button CSR21B554JD Datasheet HTML 30Page - Kemet Corporation CSR21B554JD Datasheet HTML 31Page - Kemet Corporation CSR21B554JD Datasheet HTML 32Page - Kemet Corporation CSR21B554JD Datasheet HTML 33Page - Kemet Corporation CSR21B554JD Datasheet HTML 34Page - Kemet Corporation CSR21B554JD Datasheet HTML 35Page - Kemet Corporation CSR21B554JD Datasheet HTML 36Page - Kemet Corporation CSR21B554JD Datasheet HTML 37Page - Kemet Corporation CSR21B554JD Datasheet HTML 38Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T216 (CSS13) & T256 (CSS33) SERIES
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
37
T216 and T256 are KEMET’s new designation for MIL-Style CSS13
and CSS33 capacitors. The T216/T256 Series is qualified to all
failure rates per MIL-PRF-39003/10. Products meeting this specifi-
cation have passed rigorous test requirements and are used in
space applications or other equally demanding environments.
These capacitors provide circuit designers an excellent choice for
blocking, bypass, decoupling, filtering and timing applications.
The T216 is available in capacitance ratings from .15 µF to 330 µF;
voltage ratings from 6 VDC to 75 VDC. The T256 is available in
capacitance ratings from 1.2 µF to 1000 µF with voltage ratings of 6
VDC to 50 VDC.
CAPACITOR OUTLINE DRAWINGS
D
L
B
1.50
±.250
(38.10
±6.35)
1.50
±.250
(38.10
±6.35)
+
Black band indicates negative end of case
C
DIMENSIONS — INCHES & (MILLIMETERS)
UNINSULATED
INSULATED
DLDL
BC
CASE
±0.005
±0.031
±0.010
±0.031
±0.002
MAX.
SIZE
(±.13)
(±.79)
(±.25)
(±.79)
(±.05)
A
0.125 (3.18)
0.250 (6.35)
0.135 (3.43)
0.286 (7.26)
0.020 (.51)
0.422 (10.72)
B
0.175 (4.45)
0.438 (11.13)
0.185 (4.70)
0.474 (12.04)
0.020 (.51)
0.610 (15.49)
C
0.279 (7.09)
0.650 (16.51)
0.289 (7.34)
0.686 (17.42)
0.025 (.64)
0.822 (20.88)
D
0.341 (8.66)
0.750 (19.05)
0.351 (8.92)
0.786 (19.96)
0.025 (.64)
0.922 (23.42)
ORDERING INFORMATION
T
2XX
A
105
K
050
C
S*
TANTALUM
SERIES
216 — MIL-C-39003/10-CSS13
256 — MIL-C-39003/10-CSS33
CASE SIZE
A / B / C / D
PICOFARAD CODE
First two digits represent significant figures.
3rd digit specifies no. of zeros to follow.
CAP. TOLERANCE
K — ±10%
LEAD MATERIAL
S — Standard (Solder-coated nickel)
FAILURE RATE
GRADED
B — 0.1%/k hrs.
C — 0.01%/k hrs.
VOLTAGE RATING
At 85°C
*Part Number Example: T216A105K050CS (14 digits – no spaces)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com