Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4675 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE4675
Description  Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4675 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE4675 Datasheet HTML 13Page - Infineon Technologies AG TLE4675 Datasheet HTML 14Page - Infineon Technologies AG TLE4675 Datasheet HTML 15Page - Infineon Technologies AG TLE4675 Datasheet HTML 16Page - Infineon Technologies AG TLE4675 Datasheet HTML 17Page - Infineon Technologies AG TLE4675 Datasheet HTML 18Page - Infineon Technologies AG TLE4675 Datasheet HTML 19Page - Infineon Technologies AG TLE4675 Datasheet HTML 20Page - Infineon Technologies AG TLE4675 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Data Sheet
17
Rev. 1.0, 2008-09-30
TLE4675
Reset Function
Reset Reaction Time
In case the output voltage of the regulator drops below the output undervoltage lower reset threshold
V
RT,lo, the
delay capacitor CD is discharged rapidly. Once the delay capacitor’s voltage has reached the lower delay
switching threshold
V
DST,lo, the reset output RO will be set to “low”.
Additionally to the delay capacitor discharge time
t
rr,d an internal time trr,int applies. Hence the total reset reaction
time
t
rr,total becomes:
with
•
t
rr,total: total reset reaction time
•
t
rr,int: Internal reset reaction time; see Item 7.2.16
•
t
rr,d: Delay capacitor discharge time. For a capacitor CD different from the value specified in Item 7.2.17, see
typical performance graphs.
Reset Output Pull-Up Resistor
R
RO:
The Reset Output RO is an open collector output requiring an external pull-up resistor to a voltage
V
IO, e.g. VQ. In
Item 7.2.7 a minimum value for the external resistor
R
RO is given for the case it is connected to VQ.
For applications, where the external pull-up resistor
R
RO has to be connected to a different voltage rail VIO than
V
Q, the minimum pull-up resistor RRO can be calculated out of the minimum sink current capability given in
Item 7.2.6:
:
with
•
R
RO: Reset pull up resistor
•
V
IO: Voltage rail, where the pull up resistor is connected
•
V
RO,low: Maximum allowed voltage level for a logic “Low” signal inside the application
Please be aware, that
V
IO should not exceed the ratings for the RO pin given in Item 4.1.3.
Reset Output “RO” Low for
V
Q ≥ 1V
In case of an undervoltage reset condition reset output “RO” is held “low” for
V
Q ≥ 1 V, even if the input voltage VI
is 0 V. This is achieved by supplying the reset circuit from the output capacitor.
trr,total
trr,int trr,d
+
=
RRO
VIO VRO,low
–
IRO max
,
----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com