Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE6250C Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE6250C
Description  High Speed CAN-Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6250C Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE6250C Datasheet HTML 12Page - Infineon Technologies AG TLE6250C Datasheet HTML 13Page - Infineon Technologies AG TLE6250C Datasheet HTML 14Page - Infineon Technologies AG TLE6250C Datasheet HTML 15Page - Infineon Technologies AG TLE6250C Datasheet HTML 16Page - Infineon Technologies AG TLE6250C Datasheet HTML 17Page - Infineon Technologies AG TLE6250C Datasheet HTML 18Page - Infineon Technologies AG TLE6250C Datasheet HTML 19Page - Infineon Technologies AG TLE6250C Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Data Sheet
16
Rev. 4.0, 2008-04-28
TLE6250
Dynamic CAN-Transceiver Characteristics
Propagation delay TxD-to-
RxD LOW (recessive to
dominant)
t
d(L),TR
–
150
280
ns
C
L = 47 pF;
R
L = 60 Ω;
V
CC = 5 V;
C
RxD = 20 pF
Propagation delay TxD-to-
RxD HIGH (dominant to
recessive)
t
d(H),TR
–
150
280
ns
C
L = 47 pF;
R
L = 60 Ω;
V
CC = 5 V;
C
RxD = 20 pF
Propagation delay TxD
LOW to bus dominant
t
d(L),T
–
100
140
ns
C
L = 47 pF;
R
L = 60 Ω;
V
CC = 5 V
Propagation delay TxD
HIGH to bus recessive
t
d(H),T
–
100
140
ns
C
L = 47 pF;
R
L = 60 Ω;
V
CC = 5 V
Propagation delay bus
dominant to RxD LOW
t
d(L),R
–50
140
ns
C
L = 47 pF;
R
L = 60 Ω;
V
CC = 5 V;
C
RxD = 20 pF
Propagation delay bus
recessive to RxD HIGH
t
d(H),R
–50
140
ns
C
L = 47 pF;
R
L = 60 Ω;
V
CC = 5 V;
C
RxD = 20 pF
1)
V
diff = VCANH - VCANL
2) Deviation from ISO/DIS 11898
Table 5
Electrical Characteristics (cont’d)
4.5 V <
V
CC < 5.5 V; RL = 60 Ω; VINH < VINH,ON; -40 °C < Tj < 150 °C; all voltages with
respect to ground; positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com