Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSR91B565KP Datasheet(PDF) 30 Page - Kemet Corporation

Part # CSR91B565KP
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR91B565KP Datasheet(HTML) 30 Page - Kemet Corporation

Back Button CSR91B565KP Datasheet HTML 26Page - Kemet Corporation CSR91B565KP Datasheet HTML 27Page - Kemet Corporation CSR91B565KP Datasheet HTML 28Page - Kemet Corporation CSR91B565KP Datasheet HTML 29Page - Kemet Corporation CSR91B565KP Datasheet HTML 30Page - Kemet Corporation CSR91B565KP Datasheet HTML 31Page - Kemet Corporation CSR91B565KP Datasheet HTML 32Page - Kemet Corporation CSR91B565KP Datasheet HTML 33Page - Kemet Corporation CSR91B565KP Datasheet HTML 34Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
KEMET T252 SERIES
MIL-PRF-39003 (CSR33) CAPACITORS
DASH NUMBER REFERENCE
MAX.
FAILURE RATE LEVEL (%/1000 HRS.)
DISSI-
D.C.
PATION
KEMET
CAPACITANCE
LEAKAGE
FACTOR
EQUIVALENT
CAPACITANCE
CASE
TOLERANCE
µA@25°C
%@25°C,
M
P
R
S
B
C
D
MILITARY
µF
SIZE
±%
MAX.
120Hz
(1.0)
(0.1)
(0.01)
(0.001)
(0.1)
(0.01)
(0.001)
PART NUMBER
20 VOLT RATING AT 85°C
2.7
A
10
.5
4
0046
0146
0246
0346
2046
3046
4046
T252A275K020(1)S
3.3
A
10
.5
4
0047
0147
0247
0347
2047
3047
4047
T252A335K020(1)S
3.3
A
20
.5
4
0048
0148
0248
0348
2048
3048
4048
T252A335M020(1)S
3.9
A
10
.5
4
0049
0149
0249
0349
2049
3049
4049
T252A395K020(1)S
18.0
B
10
1.0
6
0050
0150
0250
0350
2050
3050
4050
T252B186K020(1)S
22.0
B
10
1.0
6
0051
0151
0251
0351
2051
3051
4051
T252B226K020(1)S
22.0
B
20
1.0
6
0052
0152
0252
0352
2052
3052
4052
T252B226M020(1)S
27.0
B
10
1.0
6
0053
0153
0253
0353
2053
3053
4053
T252B276K020(1)S
56.0
C
10
1.0
6
0054
0154
0254
0354
2054
3054
4054
T252C566K020(1)S
68.0
C
10
1.0
6
0055
0155
0255
0355
2055
3055
4055
T252C686K020(1)S
68.0
C
20
1.0
6
0056
0156
0256
0356
2056
3056
4056
T252C686M020(1)S
82.0
C
10
1.0
6
0057
0157
0257
0357
2057
3057
4057
T252C826K020(1)S
100.0
C
10
1.0
6
0058
0158
0258
0358
2058
3058
4058
T252C107K020(1)S
100.0
C
20
1.0
6
0059
0159
0259
0359
2059
3059
4059
T252C107M020(1)S
120.0
C
10
1.0
6
0060
0160
0260
0360
2060
3060
4060
T252C127K020(1)S
150.0
D
10
2.0
8
0061
0161
0261
0361
2061
3061
4061
T252D157K020(1)S
150.0
D
20
2.0
8
0062
0162
0262
0362
2062
3062
4062
T252D157M020(1)S
180.0
D
10
2.0
8
0063
0163
0263
0363
2063
3063
4063
T252D187K020(1)S
35 VOLT RATING AT 85°C
1.8
A
10
.5
4
0064
0164
0264
0364
2064
3064
4064
T252A185K035(1)S
8.2
B
10
1.0
6
0065
0165
0265
0365
2065
3065
4065
T252B825K035(1)S
10.0
B
10
1.0
6
0066
0166
0266
0366
2066
3066
4066
T252B106K035(1)S
10.0
B
20
1.0
6
0067
0167
0267
0367
2067
3067
4067
T252B106M035(1)S
33.0
C
10
1.0
6
0068
0168
0268
0368
2068
3068
4068
T252C336K035(1)S
33.0
C
20
1.0
6
0069
0169
0269
0369
2069
3069
4069
T252C336M035(1)S
39.0
C
10
1.0
6
0070
0170
0270
0370
2070
3070
4070
T252C396K035(1)S
47.0
C
10
1.0
6
0071
0171
0271
0371
2071
3071
4071
T252C476K035(1)S
47.0
C
20
1.0
6
0072
0172
0272
0372
2072
3072
4072
T252C476M035(1)S
56.0
D
10
2.0
6
0073
0173
0273
0373
2073
3073
4073
T252D566K035(1)S
68.0
D
10
2.0
6
0074
0174
0274
0374
2074
3074
4074
T252D686K035(1)S
68.0
D
20
2.0
6
0075
0175
0275
0375
2075
3075
4075
T252D686M035(1)S
50 VOLT RATING AT 85°C
1.2
A
10
.5
4
0076
0176
0276
0376
2076
3076
4076
T252A125K050(1)S
1.5
A
10
.5
4
0077
0177
0277
0377
2077
3077
4077
T252A155K050(1)S
1.5
A
20
.5
4
0078
0178
0278
0378
2078
3078
4078
T252A155M050(1)S
5.6
B
10
1.0
4
0079
0179
0279
0379
2079
3079
4079
T252B565K050(1)S
6.8
B
10
1.0
6
0080
0180
0280
0380
2080
3080
4080
T252B685K050(1)S
6.8
B
20
1.0
6
0081
0181
0281
0381
2081
3081
4081
T252B685M050(1)S
22.0
C
10
1.0
6
0082
0182
0282
0382
2082
3082
4082
T252C226K050(1)S
22.0
C
20
1.0
6
0083
0183
0283
0383
2083
3083
4083
T252C226M050(1)S
27.0
C
10
1.0
6
0084
0184
0284
0384
2084
3084
4084
T252C276K050(1)S
33.0
D
10
1.0
6
0085
0185
0285
0385
2085
**
T252D336K050(1)S
33.0
D
20
1.0
6
0086
0186
0286
0386
2086
**
T252D336M050(1)S
39.0
D
10
1.0
6
0087
0187
0287
0387
2087
**
T252D396K050(1)S
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T252 (CSR33) SERIES
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
33
RATINGS & PART NUMBER REFERENCE
MIL-PRF-39003/6C
EXPONENTIAL
MIL-PRF-39003/6C
GRADED
(1) To complete Part Number, insert Failure Rate Symbol in the 13th Character as shown on Page 31.
*NOTE: C Failure rate not QPL for -3085 thru 3087.
D Failure rate not QPL for -4085 thru 4087.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com