Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSR09B554KP Datasheet(PDF) 10 Page - Kemet Corporation

Part # CSR09B554KP
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR09B554KP Datasheet(HTML) 10 Page - Kemet Corporation

Back Button CSR09B554KP Datasheet HTML 6Page - Kemet Corporation CSR09B554KP Datasheet HTML 7Page - Kemet Corporation CSR09B554KP Datasheet HTML 8Page - Kemet Corporation CSR09B554KP Datasheet HTML 9Page - Kemet Corporation CSR09B554KP Datasheet HTML 10Page - Kemet Corporation CSR09B554KP Datasheet HTML 11Page - Kemet Corporation CSR09B554KP Datasheet HTML 12Page - Kemet Corporation CSR09B554KP Datasheet HTML 13Page - Kemet Corporation CSR09B554KP Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
KEMET T110
MIL-PRF-39003 (CSR13) CAPACITORS
DASH NUMBER REFERENCE
FAILURE RATE LEVEL (%/1000 HRS.)
MAX.
D.C.
DISSIPATION
KEMET
CAPACITANCE
LEAKAGE
FACTOR
EQUIVALENT
CAPACITANCE
CASE
TOLERANCE
KEMET
µA@25°C
%@25°C,
M
P
R
S
B
C
D
MILITARY
µF
SIZE
±%
PART NUMBER
MAX.
120Hz
(1.0)
(0.1)
(0.01) (0.001)
(0.1)
(0.01) (0.001)
PART NUMBER
50 VOLT RATING AT 85°C — 33 VOLT RATING AT 125°C (Cont’d)
0.39
A
10
T110A394K050AS
0.3
2
2349 2589 2829 3069 6182 7182 8182 T212A394K050(2)S
0.39
A
20
T110A394M050AS
0.3
2
0.47
A
5
T110A474J050AS
0.3
2
5074 5274 5474 5674 6183 7183 8183 T212A474J050(2)S
0.47
A
10
T110A474K050AS
0.3
2
2350 2590 2830 3070 6184 7184 8184 T212A474K050(2)S
0.47
A
20
T110A474M050AS
0.3
2
2351 2591 2831 3071 6185 7185 8185 T212A474M050(2)S
0.56
A
5
T110A564J050AS
0.3
2
5075 5275 5475 5675 6186 7186 8186 T212A564J050(2)S
0.56
A
10
T110A564K050AS
0.3
2
2352 2592 2832 3072 6187 7187 8187 T212A564K050(2)S
0.56
A
20
T110A564M050AS
0.3
2
0.68
A
5
T110A684J050AS
0.3
2
5076 5276 5476 5676 6188 7188 8188 T212A684J050(2)S
0.68
A
10
T110A684K050AS
0.3
2
2353 2593 2833 3073 6189 7189 8189 T212A684K050(2)S
0.68
A
20
T110A684M050AS
0.3
2
2354 2594 2834 3074 6190 7190 8190 T212A684M050(2)S
0.82
A
5
T110A824J050AS
0.3
2
5077 5277 5477 5677 6191 7191 8191 T212A824J050(2)S
0.82
A
10
T110A824K050AS
0.3
2
2355 2595 2835 3075 6192 7192 8192 T212A824K050(2)S
0.82
A
20
T110A824M050AS
0.3
2
1.0
A
5
T110A105J050AS
0.4
2
5078 5278 5478 5678 6193 7193 8193 T212A105J050(2)S
1.0
A
10
T110A105K050AS
0.4
2
2356 2596 2836 3076 6194 7194 8194 T212A105K050(2)S
1.0
A
20
T110A105M050AS
0.4
2
2357 2597 2837 3077 6195 7195 8195 T212A105M050(2)S
1.2
B
5
T110B125J050AS
0.4
4
5079 5279 5479 5679 6196 7196 8196 T212B125J050(2)S
1.2
B
10
T110B125K050AS
0.4
4
2358 2598 2838 3078 6197 7197 8197 T212B125K050(2)S
1.2
B
20
T110B125M050AS
0.4
4
1.5
B
5
T110B155J050AS
0.5
4
5080 5280 5480 5680 6198 7198 8198 T212B155J050(2)S
1.5
B
10
T110B155K050AS
0.5
4
2359 2599 2839 3079 6199 7199 8199 T212B155K050(2)S
1.5
B
20
T110B155M050AS
0.5
4
2360 2600 2840 3080 6200 7200 8200 T212B155M050(2)S
1.8
B
5
T110B185J050AS
0.5
4
5081 5281 5481 5681 6201 7201 8201 T212B185J050(2)S
1.8
B
10
T110B185K050AS
0.5
4
2361 2601 2841 3081 6202 7202 8202 T212B185K050(2)S
1.8
B
20
T110B185M050AS
0.5
4
2.2
B
5
T110B225J050AS
0.8
4
5082 5282 5482 5682 6203 7203 8203 T212B225J050(2)S
2.2
B
10
T110B225K050AS
0.8
4
2362 2602 2842 3082 6204 7204 8204 T212B225K050(2)S
2.2
B
20
T110B225M050AS
0.8
4
2363 2603 2843 3083 6205 7205 8205 T212B225M050(2)S
2.7
B
5
T110B275J050AS
0.8
4
5083 5283 5483 5683 6206 7206 8206 T212B275J050(2)S
2.7
B
10
T110B275K050AS
0.8
4
2364 2604 2844 3084 6207 7207 8207 T212B275K050(2)S
2.7
B
20
T110B275M050AS
0.8
4
3.3
B
5
T110B335J050AS
1.2
4
5084 5284 5484 5684 6208 7208 8208 T212B335J050(2)S
3.3
B
10
T110B335K050AS
1.2
4
2365 2605 2845 3085 6209 7209 8209 T212B335K050(2)S
3.3
B
20
T110B335M050AS
1.2
4
2366 2606 2846 3086 6210 7210 8210 T212B335M050(2)S
3.9
B
5
T110B395J050AS
1.5
4
5085 5285 5485 5685 6211 7211 8211 T212B395J050(2)S
3.9
B
10
T110B395K050AS
1.5
4
2367 2607 2847 3087 6212 7212 8212 T212B395K050(2)S
3.9
B
20
T110B395M050AS
1.5
4
4.7
B
5
T110B475J050AS
1.7
4
5086 5286 5486 5686 6213 7213 8213 T212B475J050(2)S
4.7
B
10
T110B475K050AS
1.7
4
2368 2608 2848 3088 6214 7214 8214 T212B475K050(2)S
4.7
B
20
T110B475M050AS
1.7
4
2369 2609 2849 3089 6215 7215 8215 T212B475M050(2)S
5.6
C
5
T110C565J050AS
2.2
4
5087 5287 5487 5687 6216 7216 8216 T212C565J050(2)S
5.6
C
10
T110C565K050AS
2.2
4
2370 2610 2850 3090 6217 7217 8217 T212C565K050(2)S
5.6
C
20
T110C565M050AS
2.2
4
6.8
C
5
T110C685J050AS
2.2
4
5088 5288 5488 5688 6218 7218 8218 T212C685J050(2)S
6.8
C
10
T110C685K050AS
2.2
4
2371 2611 2851 3091 6219 7219 8219 T212C685K050(2)S
6.8
C
20
T110C685M050AS
2.2
4
2372 2612 2852 3092 6220 7220 8220 T212C685M050(2)S
8.2
C
5
T110C825J050AS
2.5
4
5089 5289 5489 5689 6221 7221 8221 T212C825J050(2)S
8.2
C
10
T110C825K050AS
2.5
4
2373 2613 2853 3093 6222 7222 8222 T212C825K050(2)S
8.2
C
20
T110C825M050AS
2.5
4
10.0
C
5
T110C106J050AS
2.5
4
5090 5290 5490 5690 6223 7223 8223 T212C106J050(2)S
10.0
C
10
T110C106K050AS
2.5
4
2374 2614 2854 3094 6224 7224 8224 T212C106K050(2)S
10.0
C
20
T110C106M050AS
2.5
4
2375 2615 2855 3095 6225 7225 8225 T212C106M050(2)S
12.0
C
5
T110C126J050AS
3.0
4
5091 5291 5491 5691 6226 7226 8226 T212C126J050(2)S
12.0
C
10
T110C126K050AS
3.0
4
2376 2616 2856 3096 6227 7227 8227 T212C126K050(2)S
12.0
C
20
T110C126M050AS
3.0
4
15.0
C
5
T110C156J050AS
4.0
4
5092 5292 5492 5692 6228 7228 8228 T212C156J050(2)S
15.0
C
10
T110C156K050AS
4.0
4
2377 2617 2857 3097 6229 729 8229 T212C156K050(2)S
15.0
C
20
T110C156M050AS
4.0
4
2378 2618 2858 3098 6230 7230 8230 T212C156M050(2)S
18.0
C
5
T110C186J050AS
4.5
4
5093 5293 5493 5693 6231 7231 8231 T212C186J050(2)S
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T110 SERIES — POLAR TYPE & T212 (CSR13)
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
13
RATINGS & PART NUMBER REFERENCE
(1) To complete T110 Series part number, insert Capacitance Tolerance Symbol in the 9th Character as shown on Page 6.
(2) To complete the T212 Series Part Number, insert Failure Rate Symbol in the 13th Character.
Bold Face lines indicate popular part type and values.
MIL-PRF-39003/1H
EXPONENTIAL
MIL-PRF-39003/1H
GRADED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com