Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW8Q2PA Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # STW8Q2PA
Description  Pb-Free Reflow soldering application
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8Q2PA Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button STW8Q2PA Datasheet HTML 7Page - Seoul Semiconductor STW8Q2PA Datasheet HTML 8Page - Seoul Semiconductor STW8Q2PA Datasheet HTML 9Page - Seoul Semiconductor STW8Q2PA Datasheet HTML 10Page - Seoul Semiconductor STW8Q2PA Datasheet HTML 11Page - Seoul Semiconductor STW8Q2PA Datasheet HTML 12Page - Seoul Semiconductor STW8Q2PA Datasheet HTML 13Page - Seoul Semiconductor STW8Q2PA Datasheet HTML 14Page - Seoul Semiconductor STW8Q2PA Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Document No. : SSC-QP-7-07-24
Rev. 05
Rev. 05
October 2010
October 2010
www.seoulsemicon.com
www.seoulsemicon.com
●
COLOR RANK
<IF=100mA, Ta=25℃>
* Measurement Uncertainty of the Color Coordinates : ± 0.01
6. Color & Binning
6500~7000K
A0
A2
A4
A6
A8
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3028
0.3304
0.3041
0.324
0.3055
0.3177
0.3068
0.3113
0.3082
0.3046
0.3041
0.324
0.3055
0.3177
0.3068
0.3113
0.3082
0.3046
0.3096
0.298
0.3126
0.3324
0.3136
0.3256
0.3146
0.3187
0.3155
0.312
0.3164
0.3046
0.3115
0.3393
0.3126
0.3324
0.3136
0.3256
0.3146
0.3187
0.3155
0.312
6000~6500K
A1
A3
A5
A7
A9
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3115
0.3393
0.3126
0.3324
0.3136
0.3256
0.3146
0.3187
0.3155
0.312
0.3126
0.3324
0.3136
0.3256
0.3146
0.3187
0.3155
0.312
0.3164
0.3046
0.321
0.3408
0.3216
0.3334
0.3221
0.3261
0.3225
0.319
0.323
0.311
0.3205
0.3481
0.321
0.3408
0.3216
0.3334
0.3221
0.3261
0.3225
0.319
5600~6000K
B0
B2
B4
B6
B8
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3207
0.3462
0.3212
0.3389
0.3217
0.3316
0.3222
0.3243
0.32
0.3572
0.3212
0.3389
0.3217
0.3316
0.3222
0.3243
0.3226
0.3178
0.3207
0.3462
0.3293
0.3461
0.3293
0.3384
0.3294
0.3306
0.3295
0.3234
0.3292
0.3539
0.3292
0.3539
0.3293
0.3461
0.3293
0.3384
0.3294
0.3306
0.329
0.3656
5300~5600K
B1
B3
B5
B7
B9
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3292
0.3539
0.3293
0.3461
0.3293
0.3384
0.3294
0.3306
0.329
0.3656
0.3293
0.3461
0.3293
0.3384
0.3294
0.3306
0.3295
0.3234
0.3292
0.3539
0.3373
0.3534
0.3369
0.3451
0.3366
0.3369
0.3364
0.3288
0.3376
0.3616
0.3376
0.3616
0.3373
0.3534
0.3369
0.3451
0.3366
0.3369
0.3381
0.374



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com