Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UBA2071ATS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UBA2071ATS
Description  Half bridge control IC for CCFL backlighting
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2071ATS Datasheet(HTML) 2 Page - NXP Semiconductors

  UBA2071ATS Datasheet HTML 1Page - NXP Semiconductors UBA2071ATS Datasheet HTML 2Page - NXP Semiconductors UBA2071ATS Datasheet HTML 3Page - NXP Semiconductors UBA2071ATS Datasheet HTML 4Page - NXP Semiconductors UBA2071ATS Datasheet HTML 5Page - NXP Semiconductors UBA2071ATS Datasheet HTML 6Page - NXP Semiconductors UBA2071ATS Datasheet HTML 7Page - NXP Semiconductors UBA2071ATS Datasheet HTML 8Page - NXP Semiconductors UBA2071ATS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
UBA2071_A_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 23 June 2008
2 of 35
NXP Semiconductors
UBA2071; UBA2071A
Half bridge control IC for CCFL backlighting
I Bidirectional pin acting both as fault signaling output and input, allowing external fault
interfacing to operate via the integrated fault timer.
I Brightness level adjustment through PWM dimming.
I Integrated PWM generator.
I Power-down mode.
I Communication pin for master / slave operation.
I DC blocking capacitor pre-charging sequence.
I Supply clamp (UBA2071 only).
3.
Applications
I LCD-backlighting, including LCD-TV and LCD-monitor applications. The IC is intended
to drive and control a half bridge inverter with resonant load circuit for CCFLs, but can
also drive an array of External Electrode Fluorescent Lamps (EEFLs).
4.
Quick reference data
Table 1.
Quick reference data.
Tamb =25 °C; VVDD =12V; RIREF =33kΩ;VEN =VVDD and CPWM connected to a capacitor, unless
otherwise specified. All voltages are measured with respect to signal ground (SGND, pin 10). SGND
and PGND connected together. Currents are positive when flowing into the IC.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VSH
voltage on pin SH
-
-
550
V
VVDD
voltage on pin VDD
-
-
14
V
IVDD
current on pin VDD
EN pin grounded;
VVDD = 14.0 V;
UBA2071AT and
UBA2071ATS
-
-
0.22
mA
oscillating at fsw(min);
CCF = 100 pF
1.2
1.5
1.8
mA
disabled;
VVDD =11V
-
0.16
-
mA
oscillating;
CF = 100 pF;
GL and GH open
-
1.5
-
mA
CCF = 100 pF;
VPWMD =H;
VCSWP =0V
1.0
1.2
1.4
mA
fsw(min)
minimum switching
frequency
CCF = 100 pF
[1]
[2]
10
-
100
kHz
[1]
[2]
38
40
42
kHz
fsw(max)/fsw(min) maximum switching
frequency to
minimum switching
frequency ratio
2.2
2.4
2.6
kHz
Vref(creg)
current regulation
reference voltage
1.20
1.26
1.32
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com