Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC1830 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC1830
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1830 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC1830 Datasheet HTML 9Page - NXP Semiconductors LPC1830 Datasheet HTML 10Page - NXP Semiconductors LPC1830 Datasheet HTML 11Page - NXP Semiconductors LPC1830 Datasheet HTML 12Page - NXP Semiconductors LPC1830 Datasheet HTML 13Page - NXP Semiconductors LPC1830 Datasheet HTML 14Page - NXP Semiconductors LPC1830 Datasheet HTML 15Page - NXP Semiconductors LPC1830 Datasheet HTML 16Page - NXP Semiconductors LPC1830 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 3 January 2011
13 of 84
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
P4_8[2]
E2
<tbd>
-
n.c.
I
CTIN_5 — SCT input 5. Capture input 2 of timer 2.
O
LCDVD9 — LCD data.
-n.c.
P4_9[2]
L2
<tbd>
-
n.c.
I
CTIN_6 — SCT input 6. Capture input 1 of timer 3.
O
LCDVD11 — LCD data.
-n.c.
P4_10[2]
M3
<tbd>
-
n.c.
I
CTIN_2 — SCT input 2. Capture input 2 of timer 0.
O
LCDVD10 — LCD data.
-n.c.
P5_0[2]
N3
I; PU
I/O
GPIO2[9] — General purpose digital input/output pin.
O
MCOB2 — Motor control PWM channel 2, output B.
I/O
EXTBUS_D12 — External memory data line 12.
-n.c.
P5_1[2]
P3
I; PU
I/O
GPIO2[10] — General purpose digital input/output pin.
I
MCI2 — Motor control PWM channel 2, input.
I/O
EXTBUS_D13 — External memory data line 13.
-n.c.
P5_2[2]
R4
I; PU
I/O
GPIO2[11] — General purpose digital input/output pin.
I
MCI1 — Motor control PWM channel 1, input.
I/O
EXTBUS_D14 — External memory data line 14.
-n.c.
P5_3[2]
T8
I; PU
I/O
GPIO2[12] — General purpose digital input/output pin.
I
MCI0 — Motor control PWM channel 0, input.
I/O
EXTBUS_D15 — External memory data line 15.
-n.c.
P5_4[2]
P9
I; PU
I/O
GPIO2[13] — General purpose digital input/output pin.
O
MCOB0 — Motor control PWM channel 0, output B.
I/O
EXTBUS_D8 — External memory data line 8.
-n.c.
P5_5[2]
P10
I; PU
I/O
GPIO2[14] — General purpose digital input/output pin.
O
MCOA1 — Motor control PWM channel 1, output A.
I/O
EXTBUS_D9 — External memory data line 9.
-n.c.
Table 3.
Pin description …continued
Symbol
Reset
state
[1]
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com