Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP65R41 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP65R41
Description  3 uA Comparator with Integrated Reference Voltage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R41 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP65R41 Datasheet HTML 3Page - Microchip Technology MCP65R41 Datasheet HTML 4Page - Microchip Technology MCP65R41 Datasheet HTML 5Page - Microchip Technology MCP65R41 Datasheet HTML 6Page - Microchip Technology MCP65R41 Datasheet HTML 7Page - Microchip Technology MCP65R41 Datasheet HTML 8Page - Microchip Technology MCP65R41 Datasheet HTML 9Page - Microchip Technology MCP65R41 Datasheet HTML 10Page - Microchip Technology MCP65R41 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
 2010 Microchip Technology Inc.
DS22269A-page 7
MCP65R41/6
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = +1.8V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RL = 100 k to VDD/2 (MCP65R41 only), RPull-Up = 2.74 k to VDD/2 (MCP65R46 only) and CL = 50 pF.
FIGURE 2-1:
Input Offset Voltage.
FIGURE 2-2:
Input Offset Voltage
vs. Temperature.
FIGURE 2-3:
Input Offset Voltage
vs. Common-Mode Input Voltage.
FIGURE 2-4:
Input Offset Voltage Drift.
FIGURE 2-5:
Input Offset Voltage vs.
Supply Voltage vs. Temperature.
FIGURE 2-6:
Input Offset Voltage vs.
Common-Mode Input Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
10%
20%
30%
40%
50%
-10
-8-6
-4-2
0
2
4
6
8
10
VOS (mV)
VDD = 1.8V
VCM = VSS
Avg. = 1.09 mV
StDev = 1.59 mV
850 units
VDD = 5.5V
VCM = VSS
Avg. = 0.61 mV
StDev = 1.48 mV
850 units
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
V
DD= 1.8V
V
DD= 5.5V
V
CM = VSS
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
-0.3
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
VCM (V)
VDD = 1.8V
TA= +25°C
TA= +125°C
TA= +85°C
TA= -40°C
0%
10%
20%
30%
40%
50%
60%
-60 -48 -36 -24 -12
0
12
24
36
48
60
VOS Drift (µV/°C)
VCM = VSS
Avg. = 9.86 µV/°C
StDev = 4.97 µV/°C
850 Units
TA = -40°C to +125°C
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
1.5
2.5
3.5
4.5
5.5
VDD (V)
TA= -40°C to +125°C
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VCM (V)
TA = -40°C to +125°C
VDD = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com