Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRFSL4127PbF Datasheet(PDF) 6 Page - International Rectifier

Part # IRFSL4127PbF
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFSL4127PbF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRFSL4127PbF Datasheet HTML 2Page - International Rectifier IRFSL4127PbF Datasheet HTML 3Page - International Rectifier IRFSL4127PbF Datasheet HTML 4Page - International Rectifier IRFSL4127PbF Datasheet HTML 5Page - International Rectifier IRFSL4127PbF Datasheet HTML 6Page - International Rectifier IRFSL4127PbF Datasheet HTML 7Page - International Rectifier IRFSL4127PbF Datasheet HTML 8Page - International Rectifier IRFSL4127PbF Datasheet HTML 9Page - International Rectifier IRFSL4127PbF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRFS/SL4127PbF
6
www.irf.com
Fig. 17 - Typical Recovery Current vs. dif/dt
Fig 16. Threshold Voltage Vs. Temperature
Fig. 19 - Typical Stored Charge vs. dif/dt
Fig. 18 - Typical Recovery Current vs. dif/dt
Fig. 20 - Typical Stored Charge vs. dif/dt
-75 -50 -25
0
25
50
75 100 125 150 175
TJ , Temperature ( °C )
1.0
2.0
3.0
4.0
5.0
6.0
ID = 1.0A
ID = 1.0mA
ID = 250µA
100 200 300 400 500 600 700 800 900 1000
dif / dt - (A / µs)
0
10
20
30
40
50
60
IF = 44A
VR = 100V
TJ = 125°C
TJ = 25°C
100 200 300 400 500 600 700 800 900 1000
dif / dt - (A / µs)
0
10
20
30
40
50
IF = 29A
VR = 100V
TJ = 125°C
TJ = 25°C
100 200 300 400 500 600 700 800 900 1000
dif / dt - (A / µs)
0
500
1000
1500
2000
2500
3000
IF = 29A
VR = 100V
TJ = 125°C
TJ = 25°C
100 200 300 400 500 600 700 800 900 1000
dif / dt - (A / µs)
0
500
1000
1500
2000
2500
3000
IF = 44A
VR = 100V
TJ = 125°C
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com