Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N5311CSM Datasheet(PDF) 1 Page - Seme LAB

Part # 1N5311CSM
Description  VOLTAGE REGULATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

1N5311CSM Datasheet(HTML) 1 Page - Seme LAB

  1N5311CSM Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1N5311CSM
Document Number 3583
Issue 1
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
PTOT
Power Dissipation
TAMB = 25°C
Derate above 25°C
TOP
Maximum Operating Ambient Temperature
TSTG
Storage Temperature Range
RθJA
Thermal Resistance Junction to Ambient
400mW
3.2mW/°C
–65 to +150°C
–65 to +175°C
312°C/W
MECHANICAL DATA
Dimensions in mm(inches)
21
0.51 ± 0.10
(0.02 ± 0.004)
0.31
(0.012)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.02 ± 0.10
(0.04 ± 0.004)
1.40
(0.055)
max.
A
0.31
(0.012)
rad.
rad.
A =
3
VOLTAGE REGULATOR
DIODE IN A
CERAMIC SURFACE MOUNT
PACKAGE
FOR HI–REL APPLICATIONS
FEATURES
• HERMETIC CERAMIC SURFACE MOUNT
PACKAGE
• SCREENING OPTIONS AVAILABLE
LCC1 PACKAGE
(SOT23 Compatible)
ABSOLUTE MAXIMUM RATINGS
Pad 1 – Anode
Pad 2 – N/C
Pad 3 – Cathode
Parameter
Test Conditions
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise stated)
Underside View
V
m
VZ
Zener Voltage
VL
Maximum Limiting Voltage
ZS* Minimum Dynamic Impedance
Zk
*
Minimum Knee Impedance
IPINCH (mA) @ VS = 25.0V
IL = 0.8 IPINCH(min)
VS = 25.0V
VK = 6.0V
3.24
3.60
3.96
2.50
0.265
0.020
*
ZS is dervived by superimposing a 90Hz RMS signal equal to 10% of Vs onto Vs.
Similarily, ZK is dervived by superimposing a 90Hz RMS signal equal to 10% of Vs onto VK.


Similar Part No. - 1N5311CSM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5311 MOTOROLA-1N5311 Datasheet
119Kb / 5P
CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
1N5311 CDI-DIODE-1N5311 Datasheet
30Kb / 2P
CURRENT REGULATOR DIODES
logo
Knox Semiconductor, Inc
1N5311 KNOX-1N5311 Datasheet
37Kb / 1P
CURRENT LIMITER FIELD EFFECT DIODES
logo
Microsemi Corporation
1N5311 MICROSEMI-1N5311 Datasheet
97Kb / 2P
HIGH RELIABILITY CURRENT REGULATOR DIODES
1N5311 MICROSEMI-1N5311 Datasheet
34Kb / 1P
CURRENT REGULATOR DIODES
More results

Similar Description - 1N5311CSM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC10XX ETC-SC10XX Datasheet
166Kb / 9P
VOLTAGE REGULATOR
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4274 INFINEON-TLE4274 Datasheet
217Kb / 12P
Voltage Regulator
Rev. 2.1, 2004-01-01
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
VOLTAGE REGULATOR
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
VOLTAGE REGULATOR
R200LD10 ETL-R200LD10 Datasheet
394Kb / 8P
VOLTAGE REGULATOR
logo
Texas Instruments
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
Voltage Regulator
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
VOLTAGE REGULATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com