Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N2907AQCSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N2907AQCSM
Description  QUAD SILICON PLANAR EPITAXIAL PNP TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2907AQCSM Datasheet(HTML) 2 Page - Seme LAB

  2N2907AQCSM Datasheet HTML 1Page - Seme LAB 2N2907AQCSM Datasheet HTML 2Page - Seme LAB 2N2907AQCSM Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
QUAD SILICON PLANAR
EPITAXIAL PNP TRANSISTORS
2N2907AQCSM
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8325
Issue 1
Page 2 of 3
ELECTRICAL CHARACTERISTICS (Each Device, TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
V(BR)CEO
(1)
Collector-Emitter
Breakdown Voltage
IC = -10mA
IB = 0
-60
V
ICBO
VCB = -60V
IE = 0
-10
µA
VCB = -50V
IE = 0
-10
nA
Collector Cut-Off Current
TA = 150°C
-10
µA
VEB = -5V
IC = 0
-10
µA
IEBO
Emitter Cut-Off Current
VEB = -4V
IC = 0
-50
nA
ICES
Collector Cut-Off Current
VCE = -50V
-50
nA
IC = -150mA
IB = -15mA
-0.4
VCE(sat)
(1)
Collector-Emitter Saturation
Voltage
IC = -500mA
IB = -50mA
-1.6
IC = -150mA
IB = -15mA
-0.6
-1.3
VBE(sat)
(1)
Base-Emitter Saturation
Voltage
IC = -500mA
IB = -50mA
-2.6
V
IC = -0.1mA
VCE = -10V
75
IC = -1.0mA
VCE = -10V
100
450
IC = -10mA
VCE = -10V
100
TA = -55°C
50
IC = -150mA
VCE = -10V
100
300
hFE
(1)
Forward-current transfer
ratio
IC = -500mA
VCE = -10V
50
DYNAMIC CHARACTERISTICS
IC = -20mA
VCE = -20V
| hfe |
Small signal forward-current
transfer ratio
f = 100MHz
2
IC = -1.0mA
VCE = -10V
hfe
Small Signal Current Gain
f = 1.0KHz
100
VCB = -10V
IE = 0
Cobo
Output Capacitance
f = 1.0MHz
8
VEB = -2V
IC = 0
Cibo
Input Capacitance
f = 1.0MHz
30
pF
IC = -150mA
VCC = -30V
ton
Turn-On Time
IB1 = -15mA
45
IC = -150mA
VCC = -30V
toff
Turn-Off Time
IB1 = - IB2 = -15mA
300
ns
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com