Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N6193LCC4 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N6193LCC4
Description  PNP SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6193LCC4 Datasheet(HTML) 1 Page - Seme LAB

  2N6193LCC4 Datasheet HTML 1Page - Seme LAB 2N6193LCC4 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ABSOLUTE MAXIMUM RATINGS TCASE = 25°c unless otherwise stated
2N6193LCC4
Document Number 2946
Issue: 3
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
PNP SILICON
TRANSISTORS
VCBO
Collector – Base Voltage(IE = 0)
VCEO
Collector – Emitter Voltage (IB = 0)
VEBO
Emitter – Base Voltage (IC = 0)
IC
Collector Current
IB
Base Current
Ptot
Total Dissipation at Tamb ≤ 25°C
derate above 25°C
Ptot
Total Dissipation at Tamb ≤ 25°C
derate above 25°C
Tstg
Storage Temperature Range
Tj
Junction temperature
100V
100V
6V
5A
1A
1W
5.71mW/°C
10W
57.1mW/°C
–55 to +200°C
200°C
MECHANICAL DATA
Dimensions in mm (inches)
LCC4 CERAMIC SURFACE MOUNT PACKAGE
Underside View
Pads 6, 7, 8, 9, 10, 11, 12, 13.
Emitter
Pads 4,5
Base
Pads 1,2,15,16,17,18
Collector
Pads 3,14
Not Connected
1.39 (0.055)
1.15 (0.045)
0.76 (0.030)
0.51 (0.020)
1.39 (0.055)
1.02 (0.040)
15 16
13
12
14
3
4
5
6
7
17
18
1
2
11
10
8
9
9.14 (0.360)
8.64 (0.340)
1.27 (0.050)
1.07 (0.040)
≈ 2.16 (0.085)
7.62 (0.300)
7.12 (0.280)
1.65 (0.065)
1.40 (0.055)
0.33 (0.013)
0.08 (0.003)
0.43 (0.017)
0.18 (0.007
Rad.
Rad.
FEATURES
• Hermetically sealed ceramic surface
mount package
• Small footprint
• Simple drive requirements


Similar Part No. - 2N6193LCC4

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N6193 SEMICOA-2N6193 Datasheet
31Kb / 1P
Chip Type 2C6193 Geometry 9700 Polarity PNP
2N6193 SEMICOA-2N6193 Datasheet
46Kb / 2P
Type 2N6193 Geometry 9700 Polarity PNP
logo
Central Semiconductor C...
2N6193 CENTRAL-2N6193 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Solid States Devices, I...
2N6193 SSDI-2N6193 Datasheet
286Kb / 6P
5 AMP HIGH SPEED PNP TRANSISTOR 100 VOLTS
logo
Microsemi Corporation
2N6193 MICROSEMI-2N6193 Datasheet
58Kb / 2P
PNP MEDIUM POWER SILICON TRANSISTOR
More results

Similar Description - 2N6193LCC4

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
PN3638 MICRO-ELECTRONICS-PN3638 Datasheet
191Kb / 2P
PNP SILICON TRANSISTORS
logo
Weitron Technology
WTA8921 WEITRON-WTA8921 Datasheet
621Kb / 4P
PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
BD680 JMNIC-BD680 Datasheet
33Kb / 1P
Silicon PNP Transistors
logo
Unisonic Technologies
2N2955 UTC-2N2955_11 Datasheet
122Kb / 2P
SILICON PNP TRANSISTORS
logo
Micro Commercial Compon...
2SA1980-O MCC-2SA1980-O Datasheet
213Kb / 2P
PNP Silicon Transistors
S9012-G MCC-S9012-G Datasheet
223Kb / 2P
PNP Silicon Transistors
S8550-C-AP MCC-S8550-C-AP Datasheet
218Kb / 2P
PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
2SA633 JMNIC-2SA633 Datasheet
115Kb / 1P
Silicon PNP Transistors
BD810_2015 JMNIC-BD810_2015 Datasheet
127Kb / 1P
Silicon PNP Transistors
logo
Central Semiconductor C...
2N3494 CENTRAL-2N3494_15 Datasheet
327Kb / 3P
SILICON PNP TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com