Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMP525G-FL Datasheet(PDF) 1 Page - Seme LAB

Part # SMP525G-FL
Description  P.I.N. PHOTODIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SMP525G-FL Datasheet(HTML) 1 Page - Seme LAB

  SMP525G-FL Datasheet HTML 1Page - Seme LAB SMP525G-FL Datasheet HTML 2Page - Seme LAB SMP525G-FL Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2
1
3
Ø 9.1 ± 0.2
Ø 8.1 ± 0.1
WINDOW
Ø 5.9 ± 0.1
5.08 ± 0.2
SENSITIVE
SURFACE
Ø 0.45
LEAD
SMP525G-FL
Prelim. 7/97
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
MECHANICAL DATA
Dimensions in mm.
P.I.N. PHOTODIODE
DESCRIPTION
The SMP525G-FL is a Silicon P.I.N. photodiode
incorporated in a hermetic metal can package. The
electrical terminations are via two leads of diameter 0.018"
on a pitch centre diameter of 0.2". The can structure
incorporates an photoptic response optical filter with peak
transmission at 510nm. The cathode of the photodiode is
electrically isolated from the package, which has a
separate earth lead.
The photodiode active area provides asymmetric viewing
angles in two orthogonal directions. The photodiode
structure has been optimised for high sensitivity,
asymmetric light measurement applications. The metal can
and optional screening mesh ensure a rugged device with
a high degree of immunity to radiated electrical
interference.
TO-39 Package
Operating temperature range
Storage temperature range
Temperature coefficient of responsively
Temperature coefficient of dark current
Reverse breakdown voltage
-40°C to +70°C
-45°C to +80°C
0.35% per °C
x2 per 8°C rise
60V
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• ASYMMETRIC RECEIVING ANGLES
• EYE RESPONSE DETECTION
• PHOTODIODE ISOLATED FROM PACKAGE
• EXCELLENT LINEARITY
• LOW NOISE
• WIDE SPECTRAL RESPONSE
• LOW LEAKAGE CURRENT
• LOW CAPACITANCE
• BG18 INTEGRAL OPTICAL FILTER
• TO39 HERMETIC METAL CAN PACKAGE
• EMI SCREENING MESH AVAILABLE
Pin 1 – Anode
Pin 2 – Cathode
Pin 3 – Case


Similar Part No. - SMP525G-FL

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SMP525G-FJ SEME-LAB-SMP525G-FJ Datasheet
77Kb / 4P
P.I.N. PHOTODIODE
SMP525G-FK SEME-LAB-SMP525G-FK Datasheet
77Kb / 4P
P.I.N. PHOTODIODE
SMP525G-FM SEME-LAB-SMP525G-FM Datasheet
82Kb / 4P
P.I.N. PHOTODIODE
More results

Similar Description - SMP525G-FL

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SMP400G-BC SEME-LAB-SMP400G-BC Datasheet
36Kb / 2P
P.I.N. PHOTODIODE
SMP400G-X1 SEME-LAB-SMP400G-X1 Datasheet
52Kb / 2P
P.I.N. PHOTODIODE
SMP525G-EK SEME-LAB-SMP525G-EK Datasheet
76Kb / 4P
P.I.N. PHOTODIODE
SMP525G-FJ SEME-LAB-SMP525G-FJ Datasheet
77Kb / 4P
P.I.N. PHOTODIODE
SMP525G-FM SEME-LAB-SMP525G-FM Datasheet
82Kb / 4P
P.I.N. PHOTODIODE
SMP550G-FL SEME-LAB-SMP550G-FL Datasheet
71Kb / 2P
P.I.N. PHOTODIODE
SMP550G-FM SEME-LAB-SMP550G-FM Datasheet
71Kb / 2P
P.I.N. PHOTODIODE
SMP550G-X3 SEME-LAB-SMP550G-X3 Datasheet
56Kb / 2P
P.I.N. PHOTODIODE
SMP600G-EM SEME-LAB-SMP600G-EM Datasheet
69Kb / 2P
P.I.N. PHOTODIODE
SMP600G-EN SEME-LAB-SMP600G-EN Datasheet
25Kb / 2P
P.I.N. PHOTODIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com