Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2STD1360 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2STD1360
Description  Low voltage fast-switching NPN power transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STD1360 Datasheet(HTML) 2 Page - STMicroelectronics

  2STD1360 Datasheet HTML 1Page - STMicroelectronics 2STD1360 Datasheet HTML 2Page - STMicroelectronics 2STD1360 Datasheet HTML 3Page - STMicroelectronics 2STD1360 Datasheet HTML 4Page - STMicroelectronics 2STD1360 Datasheet HTML 5Page - STMicroelectronics 2STD1360 Datasheet HTML 6Page - STMicroelectronics 2STD1360 Datasheet HTML 7Page - STMicroelectronics 2STD1360 Datasheet HTML 8Page - STMicroelectronics 2STD1360 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute maximum ratings
2STD1360, 2STF1360, 2STN1360
2/11
Doc ID 11783 Rev 2
1
Absolute maximum ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
2STD1360 2STF1360 2STN1360
DPAK
SOT-89
SOT-223
VCBO
Collector-base voltage
(IE = 0)
80
V
VCEO
Collector-emitter voltage (IB = 0)
60
V
VEBO
Emitter-base voltage
(IC = 0)
6
V
IC
Collector current
3
A
ICM
Collector peak current (tP < 5 ms)
5
A
IB
Base current
0.2
A
IBM
Base peak current (tP < 5 ms)
0.4
A
PTOT
Total dissipation at Tamb = 25 °C
15
1.4
1.6
W
Tstg
Storage temperature
-65 to 150
°C
TJ
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
DPAK
SOT-89
SOT-223
Unit
RthJA
(1)
1.
Device mounted on a PCB area of 1 cm2
Thermal resistance junction-ambient ___ _Max
8.3
89
78
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com