Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD39015XG08R Datasheet(PDF) 12 Page - STMicroelectronics

Part # LD39015XG08R
Description  150 mA low quiescent current low noise voltage regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39015XG08R Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LD39015XG08R Datasheet HTML 8Page - STMicroelectronics LD39015XG08R Datasheet HTML 9Page - STMicroelectronics LD39015XG08R Datasheet HTML 10Page - STMicroelectronics LD39015XG08R Datasheet HTML 11Page - STMicroelectronics LD39015XG08R Datasheet HTML 12Page - STMicroelectronics LD39015XG08R Datasheet HTML 13Page - STMicroelectronics LD39015XG08R Datasheet HTML 14Page - STMicroelectronics LD39015XG08R Datasheet HTML 15Page - STMicroelectronics LD39015XG08R Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Package mechanical data
LD39015xx
12/16
Dim.
mm.
mils.
Min.
Typ.
Max.
Min.
Typ.
Max.
A0.90
1.45
35.4
57.1
A1
0.00
0.10
0.0
3.9
A2
0.901.30
35.4
51.2
b
0.35
0.50
13.7
19.7
C0.09
0.20
3.5
7.8
D2.80
3.00
110.2
118.1
E
1.50
1.75
59.0
68.8
e0.95
37.4
H
2.60
3.00
102.3
118.1
L
0.10
0.60
3.9
23.6
SOT23-5L mechanical data
7049676D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com