Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD39015XG18R Datasheet(PDF) 9 Page - STMicroelectronics

Part # LD39015XG18R
Description  150 mA low quiescent current low noise voltage regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39015XG18R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LD39015XG18R Datasheet HTML 5Page - STMicroelectronics LD39015XG18R Datasheet HTML 6Page - STMicroelectronics LD39015XG18R Datasheet HTML 7Page - STMicroelectronics LD39015XG18R Datasheet HTML 8Page - STMicroelectronics LD39015XG18R Datasheet HTML 9Page - STMicroelectronics LD39015XG18R Datasheet HTML 10Page - STMicroelectronics LD39015XG18R Datasheet HTML 11Page - STMicroelectronics LD39015XG18R Datasheet HTML 12Page - STMicroelectronics LD39015XG18R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LD39015xx
Typical performance characteristics
9/16
6
Typical performance characteristics
Figure 4.
Output voltage vs. temperature
Figure 5.
Output voltage vs. input voltage
Figure 6.
Dropout voltage vs. output current
Figure 7.
COUT stability region
Figure 8.
Supply voltage rejection vs.
frequency
Figure 9.
Output noise voltage vs. frequency
V
IN=1.5V
0.75
0.76
0.77
0.78
0.79
0.8
0.81
0.82
0.83
0.84
0.85
-50
0
50
100
150
Temp [°C]
I
OUT=1mA
I
OUT=100mA
V
IN=1.5V
0.75
0.76
0.77
0.78
0.79
0.8
0.81
0.82
0.83
0.84
0.85
-50
0
50
100
150
Temp [°C]
I
OUT=1mA
I
OUT=100mA
V
IN=1.5V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
123
4
5
6
V
IN [V]
V
IN=1.5V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
123
4
5
6
V
IN [V]
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0
0.05
0.1
0.15
0.2
0.25
I
OUT [A]
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0
0.05
0.1
0.15
0.2
0.25
I
OUT [A]
STABILITY REGION
C
IN=1 µF, VIN=VEN=1.5 to 5.5 V
I
OUT=1 mA to 0.15 A
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
0
5
10
15
20
25
C
OUT [µF] (nominal value)
STABILITY REGION
C
IN=1 µF, VIN=VEN=1.5 to 5.5 V
I
OUT=1 mA to 0.15 A
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
0
5
10
15
20
25
C
OUT [µF] (nominal value)
I
OUT = 10mA Vripple = 0.1Vpp
10
15
20
25
30
35
40
45
50
55
60
65
70
75
100
1000
10000
100000
Freq [Hz]
I
OUT = 10mA Vripple = 0.1Vpp
10
15
20
25
30
35
40
45
50
55
60
65
70
75
100
1000
10000
100000
Freq [Hz]
I
OUT=10 mA, VIN=4.3 V, CIN=COUT= 1µF
V
OUT=3.3 V
0
100
200
300
400
500
600
700
800
1000
10000
100000
FREQ [Hz]
I
OUT=10 mA, VIN=4.3 V, CIN=COUT= 1µF
V
OUT=3.3 V
0
100
200
300
400
500
600
700
800
1000
10000
100000
FREQ [Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com