Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48Z2M1V-85PL1 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M48Z2M1V-85PL1
Description  5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER® SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z2M1V-85PL1 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M48Z2M1V-85PL1 Datasheet HTML 12Page - STMicroelectronics M48Z2M1V-85PL1 Datasheet HTML 13Page - STMicroelectronics M48Z2M1V-85PL1 Datasheet HTML 14Page - STMicroelectronics M48Z2M1V-85PL1 Datasheet HTML 15Page - STMicroelectronics M48Z2M1V-85PL1 Datasheet HTML 16Page - STMicroelectronics M48Z2M1V-85PL1 Datasheet HTML 17Page - STMicroelectronics M48Z2M1V-85PL1 Datasheet HTML 18Page - STMicroelectronics M48Z2M1V-85PL1 Datasheet HTML 19Page - STMicroelectronics M48Z2M1V-85PL1 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
M48Z2M1Y, M48Z2M1V
Revision history
Doc ID 5135 Rev 5
19/20
8
Revision history
Table 13.
Document revision history
Date
Revision
Changes
Jul-1999
1
First issue
31-Aug-2000
2
From preliminary data to datasheet
20-Mar-2002
3
Reformatted; temperature information added to tables (Table 7, 8, 3, 4,
9, 10)
29-May-2002
3.1
Modified “VCC noise and negative going transients” text
28-Mar-2003
3.2
Remove 5 V/5%, add 3 V part (Figure 1, 2, 9; Table 5, 6, 8, 2, 3, 4, 9,
10, 12)
02-Jul-2003
3.3
Changed characteristic (Table 8)
18-Feb-2005
4
Reformatted; IR reflow update (Table 5)
02-Aug-2010
5
Updated Features, Section 3, Table 12; added ECOPACK® text to
Section 5; added Section 7: Environmental information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com