Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N2218AX Datasheet(PDF) 1 Page - Seme LAB

Part # 2N2218AX
Description  Bipolar NPN Device in a Hermetically sealed TO39
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2218AX Datasheet(HTML) 1 Page - Seme LAB

  2N2218AX Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N2218AX
Bipolar NPN Device.
V
CEO =
40V
I
C = 0.8A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
40
V
I
C(CONT)
0.8
A
h
FE
@ 10/0.15 (V
CE / IC)
40
175
-
f
t
250M
Hz
P
D
0.8
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
Bipolar NPN Device in a
Hermetically sealed TO39
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO39 (TO205AD)
PINOUTS
1 – Emitter
2 – Base
3 – Collector


Similar Part No. - 2N2218AX

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N2218A SIEMENS-2N2218A Datasheet
155Kb / 6P
NPN Silicon Planar Transistors
logo
Fairchild Semiconductor
2N2218A FAIRCHILD-2N2218A Datasheet
378Kb / 10P
NPN Small Signal General Purpose Amplifiers
logo
Boca Semiconductor Corp...
2N2218A BOCA-2N2218A Datasheet
56Kb / 3P
NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Microsemi Corporation
2N2218A MICROSEMI-2N2218A Datasheet
235Kb / 9P
SMALL SIGNAL BIPOLAR NPN SILICON
logo
Central Semiconductor C...
2N2218A CENTRAL-2N2218A Datasheet
55Kb / 1P
SMALL SIGNAL TRANSISTORS
More results

Similar Description - 2N2218AX

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2219A SEME-LAB-2N2219A Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
2N2960 SEME-LAB-2N2960 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
2N3019RB SEME-LAB-2N3019RB Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
2N3036 SEME-LAB-2N3036 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
2N3053A SEME-LAB-2N3053A Datasheet
16Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
2N3108 SEME-LAB-2N3108 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
2N3110 SEME-LAB-2N3110 Datasheet
16Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
2N3300 SEME-LAB-2N3300 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
2N4272A SEME-LAB-2N4272A Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
2N5152S SEME-LAB-2N5152S Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com