Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM-461 Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # FM-461
Description  Attenuation 40 dB from 110 kHz to 50 MHz Transient suppression
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FM-461 Datasheet(HTML) 3 Page - Interpoint Corporation Company

  FM-461 Datasheet HTML 1Page - Interpoint Corporation Company FM-461 Datasheet HTML 2Page - Interpoint Corporation Company FM-461 Datasheet HTML 3Page - Interpoint Corporation Company FM-461 Datasheet HTML 4Page - Interpoint Corporation Company FM-461 Datasheet HTML 5Page - Interpoint Corporation Company FM-461 Datasheet HTML 6Page - Interpoint Corporation Company FM-461 Datasheet HTML 7Page - Interpoint Corporation Company FM-461 Datasheet HTML 8Page - Interpoint Corporation Company FM-461 Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
+Vin
+Vout
Input
Common
Output
Common
Case
RL
RL
EMI FILTER
DC/DC CONVERTER
+Vin
+Vout
Input
Common
Output
Common
Case
Chassis
ground
Multiple units
allowed up to
rated output
current of filter
The case ground connection should be as low an impedance as possible to minimize EMI.
Direct contact of baseplate to chassis ground provides the lowest impedance.
FIgure 4: CoNNeCTIoN DIagraM
x3
x2
0.1 F
0.01 F
0.001 F
x2
x2
4.7 F
150 
47 pF
1000 pF
50 
1000 pF
500 V
Positive
Input
Input
Common
Positive
Output
Output
Common
FMA-461
2.4 H
>150 H
FIgure 2: SCheMaTIC
4.7 F
3300 pF
500 V
Positive
Input
Input
Common
Positive
Output
Output
Common
FMB-461
3.5 H
9.4 F
0.65 
3.5 H
50 
47 pF
500V
P6KE47
18.8 F
FIgure 3: SCheMaTIC
FM-461, FMA-461
AND FMB-461
1.75 To 5 AMP
eMI INpuT FILTerS
Page 3 of 9
FM/A/B Rev C 20100212
www.interpoint.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com