Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N6350 Datasheet(PDF) 2 Page - Sensitron

Part # 1N6350
Description  ZENER 500mW VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

1N6350 Datasheet(HTML) 2 Page - Sensitron

  1N6350 Datasheet HTML 1Page - Sensitron 1N6350 Datasheet HTML 2Page - Sensitron 1N6350 Datasheet HTML 3Page - Sensitron 1N6350 Datasheet HTML 4Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 5102, REV. -
Type
VZ2
nom
at IZ2
VZ1
IZ1
250 μA
IZ2
test
curren
t
ZZT
at
IZ2
ZZK
at
250 μA
IZM
VZ(reg)
VR
IR1
at
+25°C
IR2
at TA =
+150°C
αvz
V
minV
mA
Ω
Ω
mA
V
V
μA
μA
%/
°C
1N6341
51.0
48.0
2.5
85
1,000
8.3
2.50
39
0.05
10
+.096
1N6342
56.0
52.7
2.2
100
1,200
7.6
2.70
43
0.05
10
+.097
1N6343
62.0
58.4
2.0
125
1,300
6.8
2.90
47
0.05
10
+.099
1N6344
68.0
64.1
1.8
155
1,500
6.3
3.20
52
0.05
10
+.101
1N6345
75.0
70.8
1.7
180
1,600
5.7
3.40
56
0.05
10
+.103
1N6346
82.0
77.4
1.5
220
1,800
5.2
3.80
62
0.05
10
+.105
1N6347
91.0
86.0
1.4
270
2,100
4.7
4.20
69
0.05
10
+.108
1N6348
100.0
94.5
1.3
340
2,400
4.3
4.40
76
0.05
10
+.110
1N6349
110.0
104.0
1.1
500
2,800
3.9
4.80
84
0.05
10
+.110
1N6350
120.0
113.0
1.0
600
3,200
3.5
5.20
91
0.05
10
+.110
1N6351
130.0
122
0.95
850
4,100
3.3
5.60
99
0.05
10
+.110
1N6352
150.0
141
0.85
1,000
4,500
2.8
7.00
114
0.05
10
+.110
1N6353
160.0
151
0.80
1,200
5,000
2.7
7.50
122
0.05
10
+.110
1N6354
180.0
170
0.68
1,500
5,600
2.4
9.00
137
0.05
10
+.110
1N6355
200.0
189
0.65
1,800
6,500
2.1
12.00
152
0.05
10
+.110
MECHANICAL DIMENSIONS: Zener 500mW Package: In Inches / mm
1N6309 to 1N6355
1N6309US to 1N6355US



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com